Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11206 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX11206
Description  20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11206 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX11206 Datasheet HTML 11Page - Maxim Integrated Products MAX11206 Datasheet HTML 12Page - Maxim Integrated Products MAX11206 Datasheet HTML 13Page - Maxim Integrated Products MAX11206 Datasheet HTML 14Page - Maxim Integrated Products MAX11206 Datasheet HTML 15Page - Maxim Integrated Products MAX11206 Datasheet HTML 16Page - Maxim Integrated Products MAX11206 Datasheet HTML 17Page - Maxim Integrated Products MAX11206 Datasheet HTML 18Page - Maxim Integrated Products MAX11206 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
______________________________________________________________________________________ 15
20-Bit, Single-Channel, Ultra-Low-Power, Delta-
Sigma ADCs with Programmable Gain and GPIO
Figure 7. SPI Register Access Read
Table 5. Command Byte (MODE = 0)
Table 6. Command Byte (MODE = 1)
Note: The START bit is used to synchronize the data from the host device. The START bit is always 1.
Command Byte
Communication between the user and the device is con-
ducted through SPI using a command byte. The com-
mand byte consists of two modes differentiated as com-
mand modes and data modes. Command modes and
data modes are further differentiated by decoding the
remaining bits in the command byte. The mode selected
is determined by the MODE bit. If the MODE bit is 0, then
the user is requesting either a conversion, calibration, or
power-down; see Table 5. If the MODE bit is 1, then the
user is selecting a data command and can either read
from or write to a register; see Table 6.
The Status register (STAT1) is a read-only register and
provides general chip operational status to the user. If
the user attempts to calibrate the system and overranges
the internal signal scaling, then a gain overrange condi-
tion is flagged with the SYSOR bit. The last data rate
programmed for the ADC is available in the RATE bits.
If the input signal has exceeded positive or negative full
scale, this condition is flagged with the OR and UR bits.
If the modulator is busy converting, then the MSTAT bit
is set. If a conversion result is ready for readout, the RDY
bit is set; see Table 11.
The Control 1 register (CTRL1) is a read/write register,
and the bits determine the internal oscillator frequency,
unipolar or bipolar input range, selection of an internal or
external clock, enabling or disabling the reference and
input signal buffers, the output data format (offset binary
or two’s complement), and single-cycle or continuous
conversion mode. See Table 12.
The Control 2 register (CTRL2) is a read/write register,
and the bits configure the GPIOs as inputs or outputs
and their values. See Table 13.
The Control 3 register (CTRL3) is a read/write register,
and the bits determine the MAX11206 programmable
gain setting and the calibration register settings for both
the MAX11206 and MAX11207. See Table 14.
The Data register (DATA) is a read-only register. Data is
output from RDY/DOUT on the next 24 SCLK cycles once
CS is forced low. The data bits transition on the falling
edge of SCLK. Data is output MSB first, and is offset
binary or two’s complement, depending on the setting
of the FORMAT bit in the CTRL1 register. See Table 15.
The System Offset Calibration register (SOC) is a read/
write register, and the bits contain the digital value that
corrects the data for system zero scale. See Table 17.
The System Gain Calibration register (SGC) is a read/
write register, and the bits contain the digital value that
corrects the data for system full scale. See Table 18.
The Self-Cal Offset Calibration register (SCOC) is a read/
write register, and the bits contain the value that corrects
the data for chip zero scale. See Table 19.
The Self-Cal Gain Calibration register (SCGC) is a read/
write register, and the bits contain the value that corrects
the data for chip full scale. See Table 20.
tDOE
HIGH-Z
HIGH-Z
SCLK
X
1
1
1
X
RS3
RS2
RS1
RS0
W/R
X
X
X
X
X
X
X
X
D6
D7
D5
D4
D3
D2
D1
D0
16
8
9
DIN
tCP
tDOD
tDOT
tDO1
tDOH
CS
RDY/DOUT
tCSS0
tDS
tCSS1
tCL
tCH
tDH
BIT
B7
B6
B5
B4
B3
B2
B1
B0
BIT NAME
START = 1
MODE = 0
CAL1
CAL0
IMPD
RATE2
RATE1
RATE0
BIT
B7
B6
B5
B4
B3
B2
B1
B0
BIT NAME
START = 1
MODE = 1
0
RS3
RS2
RS1
RS0
W/R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com