Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

116A Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # 116A
Description  RENESAS MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

116A Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button 116A Datasheet HTML 49Page - Renesas Technology Corp 116A Datasheet HTML 50Page - Renesas Technology Corp 116A Datasheet HTML 51Page - Renesas Technology Corp 116A Datasheet HTML 52Page - Renesas Technology Corp 116A Datasheet HTML 53Page - Renesas Technology Corp 116A Datasheet HTML 54Page - Renesas Technology Corp 116A Datasheet HTML 55Page - Renesas Technology Corp 116A Datasheet HTML 56Page - Renesas Technology Corp 116A Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 102 page
background image
REJ03B0297-0100
Rev.1.00
Page 53 of 99
Jul 16, 2010
R32C/116A Group
4. Special Function Registers (SFRs)
Table 4.24
SFR List (24)
Address
Register
Symbol
Reset Value
040150h to
0402FFh
040300h UART9 Transmit/Receive Mode Register
U9MR
00h
040301h UART9 Bit Rate Register
U9BRG
XXh
040302h UART9 Transmit Buffer Register
U9TB
XXXXh
040303h
040304h UART9 Transmit/Receive Control Register 0
U9C0
00X0 1000b
040305h UART9 Transmit/Receive Control Register 1
U9C1
XXXX 0010b
040306h UART9 Receive Buffer Register
U9RB
XXXXh
040307h
040308h UART10 Transmit/Receive Mode Register
U10MR
00h
040309h UART10 Bit Rate Register
U10BRG
XXh
04030Ah UART10 Transmit Buffer Register
U10TB
XXXXh
04030Bh
04030Ch UART10 Transmit/Receive Control Register 0
U10C0
00X0 1000b
04030Dh UART10 Transmit/Receive Control Register 1
U10C1
XXXX 0010b
04030Eh UART10 Receive Buffer Register
U10RB
XXXXh
04030Fh
040310h UART9, UART10 Transmit/Receive Control Register 2
U910CON
X000 0000b
040311h
040312h
040313h
040314h
040315h
040316h
040317h
040318h to
041FFFh
042000h to
04201Fh
Protected Area 0
—
Undefined
042020h to
04203Fh
Protected Area 1
—
Undefined
042040h to
04205Fh
Protected Area 2
—
Undefined
042060h to
04207Fh
Protected Area 3
—
Undefined
042080h to
04209Fh
Protected Area 4
—
Undefined
0420A0h to
0420EFh
0420F0h Protected Area Protect Release Register
PAPR
XXX0 0000b
0420F1h
0420F2h Protected Area Write Access Flag Register
PAWF
XXX0 0000b
0420F3h
0420F4h
0420F5h
0420F6h
0420F7h
0420F8h to
043FFFh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com