Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

116A Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # 116A
Description  RENESAS MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

116A Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button 116A Datasheet HTML 15Page - Renesas Technology Corp 116A Datasheet HTML 16Page - Renesas Technology Corp 116A Datasheet HTML 17Page - Renesas Technology Corp 116A Datasheet HTML 18Page - Renesas Technology Corp 116A Datasheet HTML 19Page - Renesas Technology Corp 116A Datasheet HTML 20Page - Renesas Technology Corp 116A Datasheet HTML 21Page - Renesas Technology Corp 116A Datasheet HTML 22Page - Renesas Technology Corp 116A Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 102 page
background image
REJ03B0297-0100
Rev.1.00
Page 19 of 99
Jul 16, 2010
R32C/116A Group
1. Overview
Table 1.14
Pin Characteristics for the 144-pin Package (4/4)
Pin
No.
Control
Pin
Port
Interrupt
Pin
Timer Pin
UART Pin
Intelligent I/O Pin
Analog
Pin
Bus Control
Pin
112
P0_5
AN0_5
D5
113
P0_4
AN0_4
D4
114
P11_4
BC3/WR3
115
P11_3
CTS8/RTS8
IIO1_3
CS3/WR2
116
P11_2
RXD8
IIO1_2
CS2
117
P11_1
CLK8
IIO1_1
CS1
118
P11_0
TXD8
IIO1_0
CS0
119
P0_3
AN0_3
D3
120
P0_2
AN0_2
D2
121
P0_1
AN0_1
D1
122
P0_0
AN0_0
D0
123
P15_7
CTS6/RTS6/SS6
IIO0_7
AN15_7
124
P15_6
CLK6
IIO0_6
AN15_6
125
P15_5
RXD6/SCL6/STXD6
IIO0_5
AN15_5
126
P15_4
TXD6/SDA6/SRXD6
IIO0_4
AN15_4
127
P15_3
CTS7/RTS7
IIO0_3
AN15_3
128
P15_2
RXD7
IIO0_2
AN15_2
129
P15_1
CLK7
IIO0_1
AN15_1
130
VSS
131
P15_0
TXD7
IIO0_0
AN15_0
132
VCC
133
P10_7
KI3
AN_7
134
P10_6
KI2
AN_6
135
P10_5
KI1
AN_5
136
P10_4
KI0
AN_4
137
P10_3
AN_3
138
P10_2
AN_2
139
P10_1
AN_1
140
AVSS
141
P10_0
AN_0
142
VREF
143
AVCC
144
P9_7
RXD4/SCL4/STXD4
ADTRG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com