Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST26WF032 Datasheet(PDF) 16 Page - Silicon Storage Technology, Inc

Part # SST26WF032
Description  1.8V Serial Quad I/O (SQI) Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST26WF032 Datasheet(HTML) 16 Page - Silicon Storage Technology, Inc

Back Button SST26WF032 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 20Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
©2010 Silicon Storage Technology, Inc.
S71409-01-000
01/10
16
1.8V Serial Quad I/O (SQI) Flash Memory
SST26WF032
Advance Information
Set Burst
The Set Burst command specifies the number of bytes to be output during a Read Burst command
before the device wraps around. To set the burst length the host drives CE# low, sends the Set Burst
command cycle (C0H) and one data cycle, then drives CE# high. A cycle is two nibbles, or two clocks,
long, most significant nibble first. After power-up or reset, the burst length is set to eight Bytes (00H).
See Table 4 for burst length data and Figure 12 for the sequence.
Figure 12:Set Burst Length Sequence
Read Burst
To execute a Read Burst operation the host drives CE# low, then sends the Read Burst command
cycle (0CH), followed by three address cycles, and then one dummy cycle. Each cycle is two nibbles
(clocks) long, most significant nibble first.
After the dummy cycle, the device outputs data on the falling edge of the SCK signal starting from the
specified address location. The data output stream is continuous through all addresses until termi-
nated by a low-to-high transition on CE#.
During Read Burst, the internal address pointer automatically increments until the last byte of the burst
is reached, then jumps to first byte of the burst. All bursts are aligned to addresses within the burst
length, see Table 5. For example, if the burst length is eight Bytes, and the start address is 06h, the
burst sequence would be: 06h, 07h, 00h, 01h, 02h, 03h, 04h, 05h, 06h, etc. The pattern would repeat
until the command was terminated by a low-to-high transition on CE#.
During this operation, blocks that are Read-locked will output data 00H.
Table 4: Burst Length Data
Burst Length
High Nibble (H0)
Low Nibble (L0)
8 Bytes
0h
0h
16 Bytes
0h
1h
32 Bytes
0h
2h
64 Bytes
0h
3h
T4.0 1409
Table 5: Burst Address Ranges
Burst Length
Burst Address Ranges
8 Bytes
00-07H, 08-0FH, 10-17H, 18-1FH...
16 Bytes
00-0FH, 10-1FH, 20-2FH, 30-3FH...
32 Bytes
00-1FH, 20-3FH, 40-5FH, 60-7FH...
64 Bytes
00-3FH, 40-7FH, 80-BFH, C0-FFH
T5.0 1409
1409 F32.0
MODE 3
0
1
SCK
SIO(3:0)
CE#
C1 C0
MODE 0
23
H0 L0
MSN LSN
Note: MSN = Most Significant Nibble,
LSN = Least Significant Nibble



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com