Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST26WF032 Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SST26WF032
Description  1.8V Serial Quad I/O (SQI) Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST26WF032 Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST26WF032 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
©2010 Silicon Storage Technology, Inc.
S71409-01-000
01/10
7
1.8V Serial Quad I/O (SQI) Flash Memory
SST26WF032
Advance Information
Device Protection
The SST26WF032 has a Block-Protection register which provides a software mechanism to write-lock
the array and write-lock, and/or read-lock, the parameter blocks. The Block-Protection Register is 80
bits wide per device: two bits each for the eight 8 KByte parameter blocks (write-lock and read-lock),
and one bit each for the remaining 32 KByte and 64 KByte overlay blocks (write-lock). See Table 8 for
address range protected per register bit.
Each bit in the Block-Protection Register can be written to a ‘1’ (protected) or ‘0’ (unprotected). For the
parameter blocks, the most significant bit is for read-lock, and the least significant bit is for write-lock. Read-
locking the parameter blocks provides additional security for sensitive data after retrieval (e.g., after initial
boot). If a block is read-locked all reads to the block return data 00H. All blocks are write-locked and read-
unlocked after power-up. The Write Block Locking Register command is a two cycle command requiring
Write-Enable (WREN) to be executed prior to the Write Block-Protection Register command.
Figure 6: Block Locking Memory Map
1409 F40.0
Top of Memory Block
8 KByte
8 KByte
8 KByte
8 KByte
32 KByte
64 KByte
64 KByte
64 KByte
32 KByte
8 KByte
8 KByte
8 KByte
8 KByte
Read Lock
Write Lock
Read Lock
Write Lock
Write Lock
Bottom of Memory Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com