Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST26WF032 Datasheet(PDF) 2 Page - Silicon Storage Technology, Inc

Part # SST26WF032
Description  1.8V Serial Quad I/O (SQI) Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST26WF032 Datasheet(HTML) 2 Page - Silicon Storage Technology, Inc

  SST26WF032 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
©2010 Silicon Storage Technology, Inc.
S71409-01-000
01/10
2
1.8V Serial Quad I/O (SQI) Flash Memory
SST26WF032
Advance Information
Product Description
The Serial Quad I/O™ (SQI™) family of flash-memory devices features a 4-bit, multiplexed I/O inter-
face that allows for low-power, high-performance operation in a low pin-count package. System
designs using SQI flash devices occupy less board space and ultimately lower system costs.
All members of the 26 Series, SQI family are manufactured with SST proprietary, high-performance
CMOS SuperFlash® technology. The split-gate cell design and thick-oxide tunneling injector attain bet-
ter reliability and manufacturability compared with alternate approaches.
The SST26WF032 significantly improves performance and reliability, while lowering power consump-
tion. This device writes (Program or Erase) with a single power supply of 1.65-1.95V. The total energy
consumed is a function of the applied voltage, current, and time of application. Since for any given volt-
age range, the SuperFlash technology uses less current to program and has a shorter erase time, the
total energy consumed during any Erase or Program operation is less than alternative flash memory
technologies.
SST26WF032 is offered in both 8-contact WSON (6 mm x 5 mm), and 8-lead SOIC (200 mil) pack-
ages. See Figure 2 for pin assignments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com