Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST26WF032 Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST26WF032
Description  1.8V Serial Quad I/O (SQI) Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST26WF032 Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST26WF032 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
©2010 Silicon Storage Technology, Inc.
S71409-01-000
01/10
4
1.8V Serial Quad I/O (SQI) Flash Memory
SST26WF032
Advance Information
Pin Description
Figure 2: Pin Description for 8-lead SOIC and 8-contact WSON
Table 1: Pin Description
Symbol
Pin Name
Functions
SCK
Serial Clock
To provide the timing of the serial interface.
Commands, addresses, or input data are latched on the rising edge of the
clock input, while output data is shifted out on the falling edge of the clock
input.
SIO[3:0]
Serial Data
Input/Output
To transfer commands, addresses, or data serially into the device or data out
of the device. Inputs are latched on the rising edge of the serial clock. Data is
shifted out on the falling edge of the serial clock. The EQIO command
instruction configures these pins for Quad I/O mode.
SI
Serial Data Input
for SPI mode
To transfer commands, addresses or data serially into the device. Inputs are
latched on the rising edge of the serial clock. SI is the default state after a
power on reset.
SO
Serial Data Output
for SPI mode
To transfer data serially out of the device. Data is shifted out on the falling
edge of the serial clock. SO is the default state after a power on reset.
CE#
Chip Enable
The device is enabled by a high to low transition on CE#. CE# must remain
low for the duration of any command sequence; or in the case of Write oper-
ations, for the command/data input sequence.
VDD
Power Supply
To provide power supply voltage: 1.65-1.95V
VSS
Ground
T1.0 1409
1
2
3
4
8
7
6
5
CE#
SO/SIO1
SIO2
VSS
VDD
SIO3
SCK
SI/SIO0
Top View
1409 08-soic S2A P1.0
1
2
3
4
8
7
6
5
CE#
SO/SIO1
SIO2
VSS
Top View
VDD
SIO3
SCK
SI/SIO0
1409 08-wson QA P1.0
8-Lead SOIC
8-Contact WSON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com