Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-E/SP Datasheet(PDF) 185 Page - Microchip Technology

Part # PIC18LF4331-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/SP Datasheet(HTML) 185 Page - Microchip Technology

Back Button PIC18LF4331-E/SP Datasheet HTML 181Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 182Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 183Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 184Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 185Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 186Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 187Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 188Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 185
PIC18F2331/2431/4331/4431
18.5
PWM Period
The PWM period is defined by the PTPER register pair
(PTPERL and PTPERH). The PWM period has 12-bit
resolution by combining 4 LSBs of PTPERH and 8 bits
of PTPERL. PTPER is a double-buffered register used
to set the counting period for the PWM time base.
The PTPER register contents are loaded into the
PTPER register at the following times:
• Free-Running and Single-Shot modes: When the
PTMR register is reset to zero after a match with
the PTPER register.
• Continuous Up/Down Count modes: When the
PTMR register is zero. The value held in the
PTPER register is automatically loaded into the
PTPER register when the PWM time base is
disabled (PTEN = 0). Figure 18-9 and
Figure 18-10 indicate the times when the contents
of the PTPER register are loaded into the actual
PTPER register.
The PWM period can be calculated from the following
formulas:
EQUATION 18-1:
PWM PERIOD FOR
FREE-RUNNING MODE
EQUATION 18-2:
PWM PERIOD FOR
UP/DOWN COUNT MODE
The PWM frequency is the inverse of period; or:
EQUATION 18-3:
PWM FREQUENCY
The maximum resolution (in bits) for a given device
oscillator and PWM frequency can be determined from
the following formula:
EQUATION 18-4:
PWM RESOLUTION
The PWM resolutions and frequencies are shown for a
selection of execution speeds and PTPER values in
Table 18-2. The PWM frequencies in Table 18-2 are
calculated
for
Edge-Aligned
PWM
mode.
For
Center-Aligned mode, the PWM frequencies will be
approximately one-half the values indicated in this
table.
TABLE 18-2:
EXAMPLE PWM FREQUENCIES
AND RESOLUTIONS
TPWM =
(PTPER + 1) x PTMRPS
FOSC/4
TPWM =
(2 x PTPER) x PTMRPS
FOSC
4
PWM Frequency =
1
PWM Period
PWM Frequency = 1/TPWM
FOSC
MIPS
PTPER
Value
PWM
Resolution
PWM
Frequency
40 MHz
10
0FFFh
14 bits
2.4 kHz
40 MHz
10
07FFh
13 bits
4.9 kHz
40 MHz
10
03FFh
12 bits
9.8 kHz
40 MHz
10
01FFh
11 bits
19.5 kHz
40 MHz
10
FFh
10 bits
39.0 kHz
40 MHz
10
7Fh
9 bits
78.1 kHz
40 MHz
10
3Fh
8 bits
156.2 kHz
40 MHz
10
1Fh
7 bits
312.5 kHz
40 MHz
10
0Fh
6 bits
625 kHz
25 MHz
6.25
0FFFh
14 bits
1.5 kHz
25 MHz
6.25
03FFh
12 bits
6.1 kHz
25 MHz
6.25
FFh
10 bits
24.4 kHz
10 MHz
2.5
0FFFh
14 bits
610 Hz
10 MHz
2.5
03FFh
12 bits
2.4 kHz
10 MHz
2.5
FFh
10 bits
9.8 kHz
5 MHz
1.25
0FFFh
14 bits
305 Hz
5 MHz
1.25
03FFh
12 bits
1.2 kHz
5 MHz
1.25
FFh
10 bits
4.9 kHz
4 MHz
1
0FFFh
14 bits
244 Hz
4 MHz
1
03FFh
12 bits
976 Hz
4 MHz
1
FFh
10 bits
3.9 kHz
Note:
For center-aligned operation, PWM frequencies
will be approximately 1/2 the value indicated in
the table.
Resolution =
log(2)
log
FOSC
FPWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com