Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2759 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2759
Description  1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2759 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2759 Datasheet HTML 1Page - National Semiconductor (TI) LM2759 Datasheet HTML 2Page - National Semiconductor (TI) LM2759 Datasheet HTML 3Page - National Semiconductor (TI) LM2759 Datasheet HTML 4Page - National Semiconductor (TI) LM2759 Datasheet HTML 5Page - National Semiconductor (TI) LM2759 Datasheet HTML 6Page - National Semiconductor (TI) LM2759 Datasheet HTML 7Page - National Semiconductor (TI) LM2759 Datasheet HTML 8Page - National Semiconductor (TI) LM2759 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Connection Diagram
12-Pin LLP Package
3mm x 3mm x 0.8mm
NS Package Number SDF12A
30069302
Note 1: The actual physical placement of the package marking will vary from part to part. The package marking placeholder "XXXXX" is a code for the die
traceability. "YYYYY" identifies the device (part number, voltage option, etc.). See the Order Information table below for the device ID codes.
Pin Descriptions
Pin
Name
Description
10
V
IN
Input voltage connection.
3
V
OUT
Charge pump regulated output.
12
C1−
Flying capacitor connections.
11
C1+
2
C2+
1
C2−
4
GND
Ground connection.
6
I
SINK
Regulated current sink input.
8
SDA
Serial data I/O pin.
7
Strobe
Manual flash enable pin. Flash will remain on for the duration that the Strobe pin is held high
or when the Flash Timeout occurs, whichever comes first.
5
TX
Transmission pulse Flash interrupt pin. High = RF PA pulse active, LED current reduced to
Torch level, Low = RF PA pulse off, LED at full programmed current level.
9
SCL
Serial clock pin.
Ordering Information
Order Number
Package Description
Package Marking
Supplied as Tape and Reel (Units)
LM2759SD
No-Pullback
LLP-12
ZXYTT
L2759
1000 units, tape and reel
LM2759SDX
4500 units, tape and reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com