Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2759 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2759
Description  1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2759 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2759 Datasheet HTML 1Page - National Semiconductor (TI) LM2759 Datasheet HTML 2Page - National Semiconductor (TI) LM2759 Datasheet HTML 3Page - National Semiconductor (TI) LM2759 Datasheet HTML 4Page - National Semiconductor (TI) LM2759 Datasheet HTML 5Page - National Semiconductor (TI) LM2759 Datasheet HTML 6Page - National Semiconductor (TI) LM2759 Datasheet HTML 7Page - National Semiconductor (TI) LM2759 Datasheet HTML 8Page - National Semiconductor (TI) LM2759 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Limits in standard typeface are for T
J = 25°C. Limits in boldface type apply over the full operating junction temperature range (-30°
C
≤ T
J ≤ +125 °C). Unless otherwise noted, specifications apply to the LM2759 Typical Application Circuit (pg.1) with VIN = 3.6V,
V
TX = 0V, VSTROBE = 0V, CIN = C1 = C2 = 2.2 µF, COUT = 4.7 µF. (Note 10)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I2C Compatible Interface Voltage Specifications (SCL, SDA).
V
IL
Input Logic Low “0”
2.7V
≤ V
IN ≤ 5.5V
0.72
V
V
IH
Input Logic High “1'
2.7V
≤ V
IN ≤ 5.5V
1.25
V
V
OL
Output Logic Low “0”
I
LOAD = 3 mA
300
mV
I2C Compatible Interface Timing Voltage Specifications (SCL, SDA) (Note 11)
t
1
SCL (Clock Period)
2.5
µs
t
2
Data in Setup Time to SCL
High
100
ns
t
3
Data Out Stable After SCL
Low
0
ns
t
4
SDA Low Setup Time to
SCL Low (Start)
100
ns
t
5
SDA High Hold Time After
SCL High (Stop)
100
ns
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation
of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions,
see the Electrical Characteristics tables.
Note 3: All voltages are with respect to the potential to the GND pin.
Note 4: Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at T
J=150°C (typ.) and disengages at TJ =
120°C (typ.).
Note 5: For detailed soldering specifications and information, please refer to National Semiconductor Application Note AN-1187.
Note 6: The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. (MIL-STD-883 3015.7)
Note 7: In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may have to be
derated. Maximum ambient temperature (T
A-MAX) is dependent on the maximum operation junction temperature (TJ-MAX-OP = 125ºC), the maximum power
dissipation of the device in the application (P
D-MAX), and the junction-to ambient thermal resistance of the part/package in the application (θJA), as given by the
following equation: T
A-MAX = TJ-MAX-OP - (θJA × PD-MAX).
Note 8: Junction-to-ambient thermal resistance (
θ
JA) is taken from a thermal modeling result, performed under the conditions and guidelines set forth in the
JEDEC standard JESD51-7. The test board is a 4–layer FR-4 board measuring 102 mm x 76 mm x 1.6 mm with a 2x1 array of thermal vias. The ground plane
on the board is 50 mm x 50 mm. Thickness of copper layers are 53µm/35µm/35µm/53µm (1.5oz/1oz/1oz/1.5oz). Ambient temperature in simulation is 22°C, still
air. Power dissipation is 1W.
The value of
θ
JA of this product in the LLP package could fall in a range as wide as 30ºC/W to 150ºC/W (if not wider), depending on PWB material, layout, and
environmental conditions. In applications where high maximum power dissipation exists (high V
IN, high IOUT), special care must be paid to thermal dissipation
issues. For more information on these topics, please refer to Application Note 1187: Leadless Leadframe Package (LLP) and the Power Efficiency and Power
Dissipation section of this datasheet.
Note 9: Min and Max limits are guaranteed by design, test, or statistical analysis. Typical (Typ) numbers are not guaranteed, but do represent the most likely
norm. Unless otherwise specified, conditions for Typ specifications are: V
IN = 3.6V and TA = 25°C.
Note 10: C
IN, COUT, C1, C2: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
Note 11: SCL and SDA should be glitch-free in order for proper brightness control to be realized.
Note 12: For input voltage below the regulation target during the gain of 1x, the output voltage will typically be equal to the input voltage.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com