Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2759 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2759
Description  1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2759 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2759 Datasheet HTML 1Page - National Semiconductor (TI) LM2759 Datasheet HTML 2Page - National Semiconductor (TI) LM2759 Datasheet HTML 3Page - National Semiconductor (TI) LM2759 Datasheet HTML 4Page - National Semiconductor (TI) LM2759 Datasheet HTML 5Page - National Semiconductor (TI) LM2759 Datasheet HTML 6Page - National Semiconductor (TI) LM2759 Datasheet HTML 7Page - National Semiconductor (TI) LM2759 Datasheet HTML 8Page - National Semiconductor (TI) LM2759 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Note 2, Note
3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN pin: Voltage to GND
-0.3V to 6.0V
Strobe, TX, SDA, SCL, I
SINK pins:
Voltage to GND
-0.3V to (V
IN + 0.3V)
w/ 6.0V max
Continuous Power Dissipation
(Note 4)
Internally Limited
Junction Temperature (T
J-MAX)
150°C
Storage Temperature Range
-65°C to 150°C
Maximum Lead Temp. (Soldering)
(Note 5)
ESD Rating(Note 6)
Human Body Model
2.5KV
Operating Ratings (Note 2, Note 3)
Input Voltage Range
2.7V to 5.5V
LED Voltage Range
2.0V to 4.0V
Junction Temperature Range (T
J)
-30°C to +125°C
Ambient Temperature Range (T
A)
(Note 7)
-30°C to +85°C
Thermal Information
Junction-to-Ambient Thermal Resistance
(
θ
JA), Leadless Leadframe Package (Note 8)
36.7°C/W
ESD Caution Notice
National Semiconductor recommends that all integrated circuits be handled with appropriate ESD precautions. Failure to observe
proper ESD handling techniques can result in damage to the device.
Electrical Characteristics (Note 3, Note 9)
Limits in standard typeface are for T
J = 25°C. Limits in boldface type apply over the full operating junction temperature range (-30°
C
≤ T
J ≤ +125 °C). Unless otherwise noted, specifications apply to the LM2759 Typical Application Circuit (pg.1) with VIN = 3.6V,
V
TX = 0V, VSTROBE = 0V, CIN = C1 = C2 = 2.2 µF, COUT = 4.7 µF. (Note 10)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
LED
LED Current Sink
Accuracy
Flash Mode
ADDR xB0 = 0x02
198
−10%
220
242
+10%
mA
I
FLASH
Max Flash Output Current Flash Mode
ADDR xB0 = 0x0F
1
A
V
GDX
Gain Transition Voltage
Threshold on I
SINK
I
LED = 500mA
(V
ISINK falling)
350
mV
V
OUT
Output Voltage
1x Mode, I
OUT = 0 mA (VIN >VOUT)(Note 12)
4.7
4.9
V
1.5x Mode, I
OUT = 0 mA
4.7
4.9
2x Mode, I
OUT = 0 mA
5.1
5.4
R
OUT
x1 Mode Output
Impedance
I
OUT = 200mA, VIN = 3.3V
0.33
Ω
1.5x Mode Output
Impedance
I
OUT = 500mA, VIN = 3.3V
1.9
x2 Mode Output
Impedance
2.25
F
SW
Switching Frequency
2.7V
≤ V
IN ≤ 5.5V
0.7
1
1.3
MHz
V
IH
Input Logic High
Pins: TX, Strobe
1.26
V
V
IL
Input Logic Low
Pins: TX, Strobe
0.7
V
I
Q
Quiescent Current
I
OUT = 0 mA, 1x Mode
0.6
0.9
mA
I
OUT = 0 mA, 1.5x Mode
3.4
4.0
I
OUT = 0 mA, 2x Mode
5.9
7.0
I
SD
Shutdown Current
Device Disabled
2.7V
≤ V
IN ≤ 5.5V
5.8
9.7
µA
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com