Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2759 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2759
Description  1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2759 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2759 Datasheet HTML 1Page - National Semiconductor (TI) LM2759 Datasheet HTML 2Page - National Semiconductor (TI) LM2759 Datasheet HTML 3Page - National Semiconductor (TI) LM2759 Datasheet HTML 4Page - National Semiconductor (TI) LM2759 Datasheet HTML 5Page - National Semiconductor (TI) LM2759 Datasheet HTML 6Page - National Semiconductor (TI) LM2759 Datasheet HTML 7Page - National Semiconductor (TI) LM2759 Datasheet HTML 8Page - National Semiconductor (TI) LM2759 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM2759
June 10, 2010
1A Switched Capacitor Flash LED Driver with I2C
Compatible Interface
General Description
LM2759 is an integrated low-noise, high-current switched ca-
pacitor DC/DC converter with a regulated current source. The
device requires only four small ceramic capacitors making the
total solution area less than 22 mm2 and the height less than
1 mm. The LM2759 is capable of driving loads up to 1A from
a single-cell Li-Ion battery. Maximum efficiency is achieved
over the input voltage range by actively selecting the proper
gain based on the LED forward voltage and current require-
ments.
The LED current can be programmed up to 1A via an I2C-
compatible interface, along with eight selectable Flash Time-
Out durations. One high-current Flash LED can be driven
either in a high-power Flash mode or a low-power Torch
mode. The Strobe pin allows the flash to be toggled via a
Flash enable signal from a camera module. The TX input pin
limits the Flash LED current to the Torch current level during
a RF PA pulse, to reduce high loads on the battery. Internal
soft-start circuitry limits the amount of inrush current during
start-up.
LM2759 is offered in a small 12-pin thermally enhanced LLP
package.
Features
■ Up to 1A Output Current
■ Solution Area < 22 mm2
■ No Inductor Required
■ 90% Peak Efficiency
■ Adaptive 1x, 1.5x and 2x Gains for Maximum Efficiency
■ Load Disconnect in Shutdown
■ Accurate Input Current Control During Gain Transitions
■ Flash Time-Out
■ TX Input Pin Ensures Synchronization with RF Power
Amplifier Pulse
■ Torch, Flash, and Indicator Modes
■ External Flash Enable via Strobe Input Pin
■ Strobe Input Disable via I2C
■ Programmable Flash Pulse Duration, and Torch and Flash
Currents via I2C-Compatible Interface
■ 1MHz Constant Frequency Operation
■ Low Profile 12–Pin LLP (3mm x 3mm x 0.8mm)
Applications
■ Camera Flash in Cellular Phones
Typical Application Circuit
30069301
30069322
© 2010 National Semiconductor Corporation
300693
www.national.com


Similar Part No. - LM2759

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2759 NSC-LM2759 Datasheet
119Kb / 2P
PRODUCT BRIEF 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM2759 TI1-LM2759 Datasheet
2Mb / 21P
LM2759 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2759 TI1-LM2759 Datasheet
2Mb / 22P
1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2759SD/NOPB TI1-LM2759SD/NOPB Datasheet
2Mb / 21P
LM2759 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2759SD/NOPB TI1-LM2759SD/NOPB Datasheet
2Mb / 22P
1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
More results

Similar Description - LM2759

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
White LED Driver with I2C Compatible Interface
LM2759 NSC-LM2759 Datasheet
119Kb / 2P
PRODUCT BRIEF 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Analog Devices
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1660 AD-ADP1660 Datasheet
620Kb / 28P
Dual 750 mA LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Texas Instruments
LM2759 TI1-LM2759_13 Datasheet
2Mb / 21P
LM2759 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Texas Instruments
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Analog Devices
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
1.0 A LED Flash Driver with I2C-Compatible Interface
7/12-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com