Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6IPW Datasheet(PDF) 3 Page - Texas Instruments

Part # 6IPW
Description  Contains all support circuitry needed for the ADS1146/ADS1246
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

6IPW Datasheet(HTML) 3 Page - Texas Instruments

  6IPW Datasheet HTML 1Page - Texas Instruments 6IPW Datasheet HTML 2Page - Texas Instruments 6IPW Datasheet HTML 3Page - Texas Instruments 6IPW Datasheet HTML 4Page - Texas Instruments 6IPW Datasheet HTML 5Page - Texas Instruments 6IPW Datasheet HTML 6Page - Texas Instruments 6IPW Datasheet HTML 7Page - Texas Instruments 6IPW Datasheet HTML 8Page - Texas Instruments 6IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
1
EVM Overview
1.1
Features
1.2
Introduction
www.ti.com
EVM Overview
ADS1146EVM/ADS1246EVM Features:
• Contains all support circuitry needed for the ADS1146/ADS1246
• ±2.5V and +5V power supply options for ADC
• Voltage reference options: external or onboard
• Compatible with the TI Modular EVM System
ADS1146EVM-PDK/ADS1246EVM-PDK Features:
• Easy-to-use evaluation software for Microsoft® Windows® XP
• Data collection to text files
• Built-in analysis tools including scope, FFT, and histogram displays
• Complete control of board settings
• Easily expandable with new analysis plug-in tools from Texas Instruments
For use with a computer, the ADS1146EVM-PDK or ADS1246EVM-PDK is available. This kit combines
the ADS1146/ADS1246EVM board with the MSP430-based MMB3 motherboard, and includes ADCPro™
software for evaluation.
The MMB3 motherboard allows the ADS1146/ADS1246EVM to be connected to the computer via an
available USB port. This manual shows how to use the MMB3 as part of the
ADS1146EVM-PDK/ADS1246EVM-PDK, but does not provide technical details about the MMB3 itself.
ADCPro is a program for collecting, recording, and analyzing data from ADC evaluation boards. It is based
on a number of plug-in programs, so it can be expanded easily with new test and data collection plug-ins.
The ADS1146EVM-PDK/ADS1246EVM-PDK is controlled by a plug-in running in ADCPro. For more
information about ADCPro, see the ADCPro™ Analog-to-Digital Converter Evalutation Software User's
Guide (literature number SBAU128), available for download from the TI web site.
This manual covers the operation of both the ADS1146/ADS1246EVM and the
ADS1146EVM-PDK/ADS1246EVM-PDK. Throughout this document, the abbreviation EVM and the term
evaluation module are synonymous with the ADS1146/ADS1246EVM. For clarity of reading, the rest of
this manual will refer only to the ADS1246EVM or ADS1246EVM-PDK, but operation of the EVM and kit
for the ADS1146 is identical, unless otherwise noted.
The ADS1246EVM is an evaluation module built to the TI Modular EVM System specification. It can be
connected to any modular EVM system interface card.
The ADS1246EVM is available as a stand-alone printed circuit board (PCB) or as part of the
ADS1246EVM-PDK, which includes an MMB3 motherboard and software. As a stand-alone PCB, the
ADS1246EVM is useful for prototyping designs and firmware.
Note that the ADS1246EVM has no microprocessor and cannot run software. To connect it to a computer,
some type of interface is required.
SBAU149A – June 2009 – Revised July 2009
ADS1146EVM, ADS1246EVM, ADS1146EVM-PDK, ADS1246EVM-PDK
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com