Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6IPW Datasheet(PDF) 16 Page - Texas Instruments

Part # 6IPW
Description  Contains all support circuitry needed for the ADS1146/ADS1246
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

6IPW Datasheet(HTML) 16 Page - Texas Instruments

Back Button 6IPW Datasheet HTML 12Page - Texas Instruments 6IPW Datasheet HTML 13Page - Texas Instruments 6IPW Datasheet HTML 14Page - Texas Instruments 6IPW Datasheet HTML 15Page - Texas Instruments 6IPW Datasheet HTML 16Page - Texas Instruments 6IPW Datasheet HTML 17Page - Texas Instruments 6IPW Datasheet HTML 18Page - Texas Instruments 6IPW Datasheet HTML 19Page - Texas Instruments 6IPW Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
9
Evaluating Performance with the ADCPro Software
9.1
Using the ADS1246EVM-PDK Plug-in
Evaluating Performance with the ADCPro Software
www.ti.com
The evaluation software is based on ADCPro, a program that operates using a variety of plug-ins. To use
ADCPro, load an EVM plug-in and a test plug-in. To load an EVM plug-in, select it from the EVM menu.
To load a test plug-in, select it from the Test menu. To unload a plug-in, select the Unload option from the
corresponding menu.
Only one of each kind of plug-in can be loaded at a time. If you select a different plug-in, the previous
plug-in is unloaded.
The ADS1246EVM-PDK plug-in for ADCPro provides complete control over all settings of the ADS1246. It
consists of a tabbed interface (see Figure 15), with different functions available on different tabs. These
controls are described in this section.
You can adjust the ADS1246EVM settings when you are not acquiring data. During acquisition, all
controls are disabled and settings may not be changed.
When you change a setting on the ADS1246EVM plug-in, the setting immediately updates on the board.
Settings on the ADS1246EVM correspond to settings described in the ADS1246 data sheet (available for
download at http://www.ti.com); see the data sheet for details.
The ADS1246EVM-PDK plug-in has a tabbed interface, with three different tabs to control the functions of
the ADS1246. These tabs are described below.
16
ADS1146EVM, ADS1246EVM, ADS1146EVM-PDK, ADS1246EVM-PDK
SBAU149A – June 2009 – Revised July 2009
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com