Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6IPW Datasheet(PDF) 6 Page - Texas Instruments

Part # 6IPW
Description  Contains all support circuitry needed for the ADS1146/ADS1246
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

6IPW Datasheet(HTML) 6 Page - Texas Instruments

Back Button 6IPW Datasheet HTML 2Page - Texas Instruments 6IPW Datasheet HTML 3Page - Texas Instruments 6IPW Datasheet HTML 4Page - Texas Instruments 6IPW Datasheet HTML 5Page - Texas Instruments 6IPW Datasheet HTML 6Page - Texas Instruments 6IPW Datasheet HTML 7Page - Texas Instruments 6IPW Datasheet HTML 8Page - Texas Instruments 6IPW Datasheet HTML 9Page - Texas Instruments 6IPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
4.1
Power Options
5
Voltage Reference
Voltage Reference
www.ti.com
J10 is arranged as five rows, each of which can be shorted. Table 4 lists the power option details for J10.
For normal operation, J10.1-2, J10.3-4, and J10.5-6 must be connected (direct or through an ammeter),
and either (or both) of J10.7-8 and J10.9-10 must be connected; otherwise, the board will not function.
Table 4. J10 Configuration: Power Options
Row
Name
Function
1-2
ADC AVDD
AVDD supply current measurement point for the
ADC. Must be connected for operation.
3-4
ADC AVSS
AVSS supply current measurement point for the
ADC. Must be connected for operation.
5-6
ADC DVDD
DVDD supply current measurement point for the
ADC. Must be connected for operation.
7-8
DGND
Connects DGND to board ground.
9-10
AGND
Connects AGND to board ground.
The ADS1246 device always uses an external reference. The EVM provides a 2.048V reference for the
device from U1, filtered and buffered through U2. This 2.048V may be used to drive the REFP input, or
REFP can be connected to the external reference on J8 through switch S1. REFP should not be
connected to AVDD through switch S1 because this connection will violate the specification for the
maximum reference input. Figure 1 shows switch S1 as it appears on the EVM. The low side of the
reference (REFN) is tied to AVSS. The different reference options under different supply conditions are
outlined in Table 5.
Figure 1. Reference Select Switch S1
Table 5. Reference Voltage Options
AVDD
AVSS
J1 Setting
S1 Position(1)
REFP
REFN
Reference Voltage
5V
0V
1-2
BUFF
2.048V
0V
2.048V
5V
0V
2-3
BUFF
0V
0V
Invalid Selection
5V
0V
—
Center
REF+ (J8.20)
0V
Up to AVDD – 1
2.5V
–2.5V
1-2
BUFF
–0.452V
–2.5V
2.048V
2.5V
–2.5V
2-3
BUFF
0V
–2.5V
2.5V
2.5V
–2.5V
—
Center
REF+ (J8.20)
–2.5V
Up to AVDD – AVSS – 1
(1)
Switch S1 should not be set to AVDD.
6
ADS1146EVM, ADS1246EVM, ADS1146EVM-PDK, ADS1246EVM-PDK
SBAU149A – June 2009 – Revised July 2009
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com