Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

641 Datasheet(PDF) 77 Page - Intel Corporation

Part # 641
Description  Intel Pentium 4 Processor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

641 Datasheet(HTML) 77 Page - Intel Corporation

Back Button 641 Datasheet HTML 73Page - Intel Corporation 641 Datasheet HTML 74Page - Intel Corporation 641 Datasheet HTML 75Page - Intel Corporation 641 Datasheet HTML 76Page - Intel Corporation 641 Datasheet HTML 77Page - Intel Corporation 641 Datasheet HTML 78Page - Intel Corporation 641 Datasheet HTML 79Page - Intel Corporation 641 Datasheet HTML 80Page - Intel Corporation 641 Datasheet HTML 81Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 106 page
background image
Datasheet
77
Thermal Specifications and Design Considerations
Table 28.
Thermal Profile for 775_VR_CONFIG_05A Processors
Power
(W)
Maximum
TC (°C)
Power
(W)
Maximum
TC (°C)
Power
(W)
Maximum
TC (°C)
0
44.3
30
53.0
60
61.7
2
44.9
32
53.6
62
62.3
4
45.5
34
54.2
64
62.9
6
46.0
36
54.7
66
63.4
8
46.6
38
55.3
68
64.0
10
47.2
40
55.9
70
64.6
12
47.8
42
56.5
72
65.2
14
48.4
44
57.1
74
65.8
16
48.9
46
57.6
76
66.3
18
49.5
48
58.2
78
66.9
20
50.1
50
58.8
80
67.5
22
50.7
52
59.4
82
68.1
24
51.3
54
60.0
84
68.7
26
51.8
56
60.5
86
69.2
28
52.4
58
61.1
Figure 12.
Thermal Profile for 775_VR_CONFIG_05A Processors
y = 0.29x + 44.3
40.0
45.0
50.0
55.0
60.0
65.0
70.0
0
10
20
30405060
70
80
Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com