Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

641 Datasheet(PDF) 32 Page - Intel Corporation

Part # 641
Description  Intel Pentium 4 Processor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

641 Datasheet(HTML) 32 Page - Intel Corporation

Back Button 641 Datasheet HTML 28Page - Intel Corporation 641 Datasheet HTML 29Page - Intel Corporation 641 Datasheet HTML 30Page - Intel Corporation 641 Datasheet HTML 31Page - Intel Corporation 641 Datasheet HTML 32Page - Intel Corporation 641 Datasheet HTML 33Page - Intel Corporation 641 Datasheet HTML 34Page - Intel Corporation 641 Datasheet HTML 35Page - Intel Corporation 641 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 106 page
background image
Electrical Specifications
32
Datasheet
2.7.4
BCLK[1:0] Specifications
§ §
Table 19.
Front Side Bus Differential BCLK Specifications
Symbol
Parameter
Min
Typ
Max
Unit Notes1
NOTES:
1. Unless otherwise noted, all specifications in this table apply to all processor frequencies.
VL
Input Low Voltage
-0.150
0.000
N/A
V
VH
Input High Voltage
0.660
0.700
0.850
V
VCROSS(abs) Absolute Crossing Point
0.250
N/A
0.550
V
2, 3
2. Crossing voltage is defined as the instantaneous voltage value when the rising edge of BCLK0 equals the falling edge
of BCLK1.
3. The crossing point must meet the absolute and relative crossing point specifications simultaneously.
VCROSS(rel) Relative Crossing Point
0.250 +
0.5(VHavg – 0.700)
N/A
0.550 +
0.5(VHavg – 0.700)
V
3, 4, 5
4. VHavg is the statistical average of the VH measured by the oscilloscope.
5. VHavg can be measured directly using “Vtop” on Agilent* oscilloscopes and “High” on Tektronix* oscilloscopes.
∆VCROSS
Range of Crossing
Points
N/A
N/A
0.140
V
VOS
Overshoot
N/A
N/A
VH + 0.3
V
6
6. Overshoot is defined as the absolute value of the maximum voltage.
VUS
Undershoot
-0.300
N/A
N/A
V
7
7. Undershoot is defined as the absolute value of the minimum voltage.
VRBM
Ringback Margin
0.200
N/A
N/A
V
8
8. Ringback Margin is defined as the absolute voltage difference between the maximum Rising Edge Ringback and the
maximum Falling Edge Ringback.
VTM
Threshold Region
VCROSS – 0.100
N/A
VCROSS + 0.100
V
9
9. Threshold Region is defined as a region entered around the crossing point voltage in which the differential receiver
switches. It includes input threshold hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com