Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

641 Datasheet(PDF) 83 Page - Intel Corporation

Part # 641
Description  Intel Pentium 4 Processor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

641 Datasheet(HTML) 83 Page - Intel Corporation

Back Button 641 Datasheet HTML 79Page - Intel Corporation 641 Datasheet HTML 80Page - Intel Corporation 641 Datasheet HTML 81Page - Intel Corporation 641 Datasheet HTML 82Page - Intel Corporation 641 Datasheet HTML 83Page - Intel Corporation 641 Datasheet HTML 84Page - Intel Corporation 641 Datasheet HTML 85Page - Intel Corporation 641 Datasheet HTML 86Page - Intel Corporation 641 Datasheet HTML 87Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 106 page
background image
Datasheet
83
Thermal Specifications and Design Considerations
processor temperature. Transistor Model parameters (Table 31) have been added to
support thermal sensors that use the transistor equation method. The Transistor Model
may provide more accurate temperature measurements when the diode ideality factor
is closer to the maximum or minimum limits. This thermal "diode" is separate from the
Thermal Monitor's thermal sensor and cannot be used to predict the behavior of the
Thermal Monitor.
When calculating a temperature based on thermal diode measurements, a number of
parameters must be either measured or assumed. Most devices measure the diode
ideality and assume a series resistance and ideality trim value, although some are
capable of also measuring the series resistance. Calculating the temperature is then
Table 30.
Thermal “Diode” Parameters using Diode Model
Symbol
Parameter
Min
Typ
Max
Unit
Notes
IFW
Forward Bias Current
5
—
200
µA
1
NOTES:
1. Intel does not support or recommend operation of the thermal diode under reverse bias.
n
Diode Ideality Factor
1.000
1.009
1.050
-
2, 3, 4
2. Characterized across a temperature range of 50 – 80 °C.
3. Not 100% tested. Specified by design characterization.
4. The ideality factor, n, represents the deviation from ideal diode behavior as exemplified by the diode equation:
IFW = IS * (e
qVD/nkT –1)
where IS = saturation current, q = electronic charge, VD = voltage across the diode, k = Boltzmann Constant,
and T = absolute temperature (Kelvin).
RT
Series Resistance
2.79
4.52
6.24
Ω
2, 3, 5
5. The series resistance, RT, is provided to allow for a more accurate measurement of the junction temperature.
RT, as defined, includes the lands of the processor but does not include any socket resistance or board trace
resistance between the socket and the external remote diode thermal sensor. RT can be used by remote diode
thermal sensors with automatic series resistance cancellation to calibrate out this error term. Another
application is that a temperature offset can be manually calculated and programmed into an offset register in
the remote diode thermal sensors as exemplified by the equation:
Terror = [RT * (N-1) * IFWmin] / [nk/q * ln N]
where Terror = sensor temperature error, N = sensor current ratio, k = Boltzmann Constant, q = electronic
charge.
Table 31.
Thermal “Diode” Parameters using Transistor Model
Symbol
Parameter
Min
Typ
Max
Unit
Notes
IFW
Forward Bias Current
5
—
200
µA
1, 2
NOTES:
1. Intel does not support or recommend operation of the thermal diode under reverse bias.
2.
Same as IFW in Table 30.
IE
Emitter Current
5
—
200
µA
nQ
Transistor Ideality
0.997
1.001
1.005
—
3, 4, 5
3. Characterized across a temperature range of 50 – 80 °C.
4. Not 100% tested. Specified by design characterization.
5. The ideality factor, nQ, represents the deviation from ideal transistor model behavior as exemplified by the
equation for the collector current:
IC = IS * (e
qVBE/nQkT –1)
Where IS = saturation current, q = electronic charge, VBE = voltage across the transistor base emitter junction
(same nodes as VD), k = Boltzmann Constant, and T = absolute temperature (Kelvin).
Beta
0.391
—
0.760
—
3, 4
RT
Series Resistance
2.79
4.52
6.24
Ω
3, 6
6. The series resistance, RT, provided in the Diode Model Table (Table 30) can be used for more accurate readings
as needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com