Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

641 Datasheet(PDF) 20 Page - Intel Corporation

Part # 641
Description  Intel Pentium 4 Processor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

641 Datasheet(HTML) 20 Page - Intel Corporation

Back Button 641 Datasheet HTML 16Page - Intel Corporation 641 Datasheet HTML 17Page - Intel Corporation 641 Datasheet HTML 18Page - Intel Corporation 641 Datasheet HTML 19Page - Intel Corporation 641 Datasheet HTML 20Page - Intel Corporation 641 Datasheet HTML 21Page - Intel Corporation 641 Datasheet HTML 22Page - Intel Corporation 641 Datasheet HTML 23Page - Intel Corporation 641 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 106 page
background image
Electrical Specifications
20
Datasheet
Table 5.
VCC Static and Transient Tolerance for 775_VR_CONFIG_05A (Mainstream)
and for 775_VR_CONFIG_06 Processors
ICC (A)
Voltage Deviation from VID Setting (V)1,2,3,4
NOTES:
1.
The loadline specification includes both static and transient limits except for
overshoot allowed as shown in Section 2.5.3.
2.
This table is intended to aid in reading discrete points on Figure 1.
3.
The loadlines specify voltage limits at the die measured at the VCC_SENSE and
VSS_SENSE lands. Voltage regulation feedback for voltage regulator circuits must be
taken from processor VCC and VSS lands. Refer to the Voltage Regulator-Down (VRD)
10.1 Design Guide For Desktop and Transportable LGA775 Socket
for socket loadline
guidelines and VR implementation details.
4. Adherence to this loadline specification for the Pentium 4 processor is required to ensure reliable
processor operation.
Maximum Voltage
1.7 mΩ
Typical Voltage
1.75 mΩ
Minimum Voltage
1.8 mΩ
0
0.000
-0.019
-0.038
5
-0.009
-0.028
-0.047
10
-0.017
-0.037
-0.056
15
-0.026
-0.045
-0.065
20
-0.034
-0.054
-0.074
25
-0.043
-0.063
-0.083
30
-0.051
-0.072
-0.092
35
-0.060
-0.080
-0.101
40
-0.068
-0.089
-0.110
45
-0.077
-0.098
-0.119
50
-0.085
-0.107
-0.128
55
-0.094
-0.115
-0.137
60
-0.102
-0.124
-0.146
65
-0.111
-0.133
-0.155
70
-0.119
-0.142
-0.164
75
-0.128
-0.150
-0.173
80
-0.133
-0.156
-0.178
85
-0.145
-0.168
-0.191
90
-0.153
-0.177
-0.200
95
-0.162
-0.185
-0.209
100
-0.170
-0.194
-0.218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com