Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

340 Datasheet(PDF) 66 Page - Intel Corporation

Part # 340
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

340 Datasheet(HTML) 66 Page - Intel Corporation

Back Button 340 Datasheet HTML 62Page - Intel Corporation 340 Datasheet HTML 63Page - Intel Corporation 340 Datasheet HTML 64Page - Intel Corporation 340 Datasheet HTML 65Page - Intel Corporation 340 Datasheet HTML 66Page - Intel Corporation 340 Datasheet HTML 67Page - Intel Corporation 340 Datasheet HTML 68Page - Intel Corporation 340 Datasheet HTML 69Page - Intel Corporation 340 Datasheet HTML 70Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 82 page
background image
66
Datasheet
Thermal Specifications and Design Considerations
increments. On-Demand mode may be used in conjunction with the Thermal Monitor. If the system
tries to enable On-Demand mode at the same time the TCC is engaged, the factory configured duty
cycle of the TCC will override the duty cycle selected by the On-Demand mode.
5.2.3
PROCHOT# Signal Pin
An external signal, PROCHOT# (processor hot), is asserted when the processor die temperature
has reached its maximum operating temperature. If the Thermal Monitor is enabled (note that the
Thermal Monitor must be enabled for the processor to be operating within specification), the TCC
will be active when PROCHOT# is asserted. The processor can be configured to generate an
interrupt upon the assertion or de-assertion of PROCHOT#. Refer to the Intel Architecture
Software Developer's Manuals for specific register and programming details.
The Celeron D processor implements a bi-directional PROCHOT# capability to allow system
designs to protect various components from over-temperature situations. The PROCHOT# signal is
bi-directional in that it can either signal when the processor has reached its maximum operating
temperature or be driven from an external source to activate the TCC. The ability to activate the
TCC via PROCHOT# can provide a means for thermal protection of system components.
One application is the thermal protection of voltage regulators (VR). System designers can create a
circuit to monitor the VR temperature and activate the TCC when the temperature limit of the VR
is reached. By asserting PROCHOT# (pulled-low) and activating the TCC, the VR can cool down
as a result of reduced processor power consumption. Bi-directional PROCHOT# can allow VR
thermal designs to target maximum sustained current instead of maximum current. Systems should
still provide proper cooling for the VR, and rely on bi-directional PROCHOT# only as a backup in
case of system cooling failure. The system thermal design should allow the power delivery
circuitry to operate within its temperature specification even while the processor is operating at its
Thermal Design Power. With a properly designed and characterized thermal solution, it is
anticipated that bi-directional PROCHOT# would only be asserted for very short periods of time
when running the most power intensive applications. An under-designed thermal solution that is
not able to prevent excessive assertion of PROCHOT# in the anticipated ambient environment may
cause a noticeable performance loss. Refer to the applicable chipset platform design guide and the
applicable VRD design guide for details on implementing the bi-directional PROCHOT# feature.
5.2.4
THERMTRIP# Signal Pin
Regardless of whether or not the Thermal Monitor feature is enabled, in the event of a catastrophic
cooling failure, the processor will automatically shut down when the silicon has reached an
elevated temperature (refer to the THERMTRIP# definition in Table 4-3). At this point, the FSB
signal THERMTRIP# will go active and stay active as described in Table 4-3. THERMTRIP#
activation is independent of processor activity and does not generate any bus cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com