Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

340 Datasheet(PDF) 50 Page - Intel Corporation

Part # 340
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

340 Datasheet(HTML) 50 Page - Intel Corporation

Back Button 340 Datasheet HTML 46Page - Intel Corporation 340 Datasheet HTML 47Page - Intel Corporation 340 Datasheet HTML 48Page - Intel Corporation 340 Datasheet HTML 49Page - Intel Corporation 340 Datasheet HTML 50Page - Intel Corporation 340 Datasheet HTML 51Page - Intel Corporation 340 Datasheet HTML 52Page - Intel Corporation 340 Datasheet HTML 53Page - Intel Corporation 340 Datasheet HTML 54Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 82 page
background image
Pin Listing and Signal Descriptions
50
Datasheet
G25
DBI1#
Source Synch
Input/Output
G26
D25#
Source Synch
Input/Output
H1
VSS
Power/Other
H2
DRDY#
Common Clock
Input/Output
H3
REQ4#
Source Synch
Input/Output
H4
VSS
Power/Other
H5
DBSY#
Common Clock
Input/Output
H6
BR0#
Common Clock
Input/Output
H21
D11#
Source Synch
Input/Output
H22
D16#
Source Synch
Input/Output
H23
VSS
Power/Other
H24
D26#
Source Synch
Input/Output
H25
D31#
Source Synch
Input/Output
H26
VSS
Power/Other
J1
REQ0#
Source Synch
Input/Output
J2
VSS
Power/Other
J3
REQ3#
Source Synch
Input/Output
J4
REQ2#
Source Synch
Input/Output
J5
VSS
Power/Other
J6
TRDY#
Common Clock
Input
J21
D14#
Source Synch
Input/Output
J22
VSS
Power/Other
J23
DSTBP1#
Source Synch
Input/Output
J24
D29#
Source Synch
Input/Output
J25
VSS
Power/Other
J26
DP0#
Common Clock
Input/Output
K1
A6#
Source Synch
Input/Output
K2
A3#
Source Synch
Input/Output
K3
VSS
Power/Other
K4
A4#
Source Synch
Input/Output
K5
REQ1#
Source Synch
Input/Output
K6
VSS
Power/Other
K21
VSS
Power/Other
K22
DSTBN1#
Source Synch
Input/Output
K23
D30#
Source Synch
Input/Output
K24
VSS
Power/Other
K25
DP1#
Common Clock
Input/Output
K26
DP2#
Common Clock
Input/Output
L1
VSS
Power/Other
L2
A9#
Source Synch
Input/Output
L3
A7#
Source Synch
Input/Output
Table 4-2. Numerical Pin Assignment
Pin #
Pin Name
Signal Buffer
Type
Direction
L4
VSS
Power/Other
L5
ADSTB0#
Source Synch
Input/Output
L6
A5#
Source Synch
Input/Output
L21
D24#
Source Synch
Input/Output
L22
D28#
Source Synch
Input/Output
L23
VSS
Power/Other
L24
COMP0
Power/Other
Input
L25
DP3#
Common Clock
Input/Output
L26
VSS
Power/Other
M1
A13#
Source Synch
Input/Output
M2
VSS
Power/Other
M3
A10#
Source Synch
Input/Output
M4
A11#
Source Synch
Input/Output
M5
VSS
Power/Other
M6
A8#
Source Synch
Input/Output
M21
D27#
Source Synch
Input/Output
M22
VSS
Power/Other
M23
D32#
Source Synch
Input/Output
M24
D35#
Source Synch
Input/Output
M25
VSS
Power/Other
M26
D37#
Source Synch
Input/Output
N1
A12#
Source Synch
Input/Output
N2
A14#
Source Synch
Input/Output
N3
VSS
Power/Other
N4
A15#
Source Synch
Input/Output
N5
A16#
Source Synch
Input/Output
N6
VSS
Power/Other
N21
VSS
Power/Other
N22
D33#
Source Synch
Input/Output
N23
D36#
Source Synch
Input/Output
N24
VSS
Power/Other
N25
D39#
Source Synch
Input/Output
N26
D38#
Source Synch
Input/Output
P1
COMP1
Power/Other
Input
P2
VSS
Power/Other
P3
A19#
Source Synch
Input/Output
P4
A20#
Source Synch
Input/Output
P5
VSS
Power/Other
P6
A24#
Source Synch
Input/Output
P21
D34#
Source Synch
Input/Output
P22
VSS
Power/Other
Table 4-2. Numerical Pin Assignment
Pin #
Pin Name
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com