Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

340 Datasheet(PDF) 60 Page - Intel Corporation

Part # 340
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

340 Datasheet(HTML) 60 Page - Intel Corporation

Back Button 340 Datasheet HTML 56Page - Intel Corporation 340 Datasheet HTML 57Page - Intel Corporation 340 Datasheet HTML 58Page - Intel Corporation 340 Datasheet HTML 59Page - Intel Corporation 340 Datasheet HTML 60Page - Intel Corporation 340 Datasheet HTML 61Page - Intel Corporation 340 Datasheet HTML 62Page - Intel Corporation 340 Datasheet HTML 63Page - Intel Corporation 340 Datasheet HTML 64Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 82 page
background image
60
Datasheet
Pin Listing and Signal Descriptions
SLP#
Input
SLP# (Sleep), when asserted in Stop-Grant state, causes the processor to enter
the Sleep state. During Sleep state, the processor stops providing internal clock
signals to all units, leaving only the Phase-Locked Loop (PLL) still operating.
Processors in this state will not recognize snoops or interrupts. The processor
will recognize only assertion of the RESET# signal, and de-assertion of SLP#. If
SLP# is de-asserted, the processor exits Sleep state and returns to Stop-Grant
state, restarting its internal clock signals to the bus and processor core units.
SMI#
Input
SMI# (System Management Interrupt) is asserted asynchronously by system
logic. On accepting a System Management Interrupt, the processor saves the
current state and enter System Management Mode (SMM). An SMI
Acknowledge transaction is issued, and the processor begins program execution
from the SMM handler.
If SMI# is asserted during the de-assertion of RESET#, the processor will tristate
its outputs.
STPCLK#
Input
STPCLK# (Stop Clock), when asserted, causes the processor to enter a low
power Stop-Grant state. The processor issues a Stop-Grant Acknowledge
transaction, and stops providing internal clock signals to all processor core units
except the FSB and APIC units. The processor continues to snoop bus
transactions and service interrupts while in Stop-Grant state. When STPCLK# is
de-asserted, the processor restarts its internal clock to all units and resumes
execution. The assertion of STPCLK# has no effect on the bus clock; STPCLK#
is an asynchronous input.
TCK
Input
TCK (Test Clock) provides the clock input for the processor Test Bus (also known
as the Test Access Port).
TDI
Input
TDI (Test Data In) transfers serial test data into the processor. TDI provides the
serial input needed for JTAG specification support.
TDO
Output
TDO (Test Data Out) transfers serial test data out of the processor. TDO
provides the serial output needed for JTAG specification support.
TESTHI[12:0]
Input
TESTHI[12:0] must be connected to a VCC power source through a resistor for
proper processor operation. See Section 2.5 for more details.
THERMDA
Other
Thermal Diode Anode. See Section 5.2.6.
THERMDC
Other
Thermal Diode Cathode. See Section 5.2.6.
THERMTRIP#
Output
In the event of a catastrophic cooling failure, the processor will automatically
shut down when the silicon has reached a temperature approximately 20 °C
above the maximum TC. Assertion of THERMTRIP# (Thermal Trip) indicates the
processor junction temperature has reached a level beyond which permanent
silicon damage may occur. Upon assertion of THERMTRIP#, the processor will
shut off its internal clocks (thus halting program execution) in an attempt to
reduce the processor junction temperature. To protect the processor, its core
voltage (VCC) must be removed following the assertion of THERMTRIP#. Driving
of the THERMTRIP# signal is enabled within 10
µs of the assertion of
PWRGOOD and is disabled on de-assertion of PWRGOOD. Once activated,
THERMTRIP# remains latched until PWRGOOD is de-asserted. While the de-
assertion of the PWRGOOD signal will de-assert THERMTRIP#, if the
processor’s junction temperature remains at or above the trip level,
THERMTRIP# will again be asserted within 10
µs of the assertion of
PWRGOOD.
TMS
Input
TMS (Test Mode Select) is a JTAG specification support signal used by debug
tools.
TRDY#
Input
TRDY# (Target Ready) is asserted by the target to indicate that it is ready to
receive a write or implicit writeback data transfer. TRDY# must connect the
appropriate pins of all FSB agents.
TRST#
Input
TRST# (Test Reset) resets the Test Access Port (TAP) logic. TRST# must be
driven low during power on Reset.
Table 4-3. Signal Description (Sheet 7 of 8)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com