| Electronic Components Datasheet Search |
|
340 Datasheet(PDF) 51 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
340 Datasheet(HTML) 51 Page - Intel Corporation |
|
51 / 82 page ![]() Pin Listing and Signal Descriptions Datasheet 51 P23 DSTBP#2 Source Synch Input/Output P24 D41# Source Synch Input/Output P25 VSS Power/Other P26 DBI2# Source Synch Input/Output R1 VSS Power/Other R2 A18# Source Synch Input/Output R3 A21# Source Synch Input/Output R4 VSS Power/Other R5 ADSTB1# Source Synch Input/Output R6 A28# Source Synch Input/Output R21 D40# Source Synch Input/Output R22 DSTBN#2 Source Synch Input/Output R23 VSS Power/Other R24 D43# Source Synch Input/Output R25 D42# Source Synch Input/Output R26 VSS Power/Other T1 A17# Source Synch Input/Output T2 A22# Source Synch Input/Output T3 VSS Power/Other T4 A26# Source Synch Input/Output T5 A30# Source Synch Input/Output T6 VSS Power/Other T21 VSS Power/Other T22 D46# Source Synch Input/Output T23 D47# Source Synch Input/Output T24 VSS Power/Other T25 D45# Source Synch Input/Output T26 D44# Source Synch Input/Output U1 A23# Source Synch Input/Output U2 VSS Power/Other U3 A25# Source Synch Input/Output U4 A31# Source Synch Input/Output U5 VSS Power/Other U6 TESTHI8 Power/Other Input U21 D52# Source Synch Input/Output U22 VSS Power/Other U23 D50# Source Synch Input/Output U24 D49# Source Synch Input/Output U25 VSS Power/Other U26 D48# Source Synch Input/Output V1 VSS Power/Other Table 4-2. Numerical Pin Assignment Pin # Pin Name Signal Buffer Type Direction V2 A27# Source Synch Input/Output V3 A32# Source Synch Input/Output V4 VSS Power/Other V5 AP1# Common Clock Input/Output V6 MCERR# Common Clock Input/Output V21 DBI3# Source Synch Input/Output V22 D53# Source Synch Input/Output V23 VSS Power/Other V24 D54# Source Synch Input/Output V25 D51# Source Synch Input/Output V26 VSS Power/Other W1 A29# Source Synch Input/Output W2 A33# Source Synch Input/Output W3 VSS Power/Other W4 TESTHI9 Power/Other Input W5 INIT# Asynch GTL+ Input W6 VSS Power/Other W21 VSS Power/Other W22 DSTBN3# Source Synch Input/Output W23 DSTBP3# Source Synch Input/Output W24 VSS Power/Other W25 D57# Source Synch Input/Output W26 D55# Source Synch Input/Output Y1 A34# Source Synch Input/Output Y2 VSS Power/Other Y3 TESTHI10 Power/Other Input Y4 STPCLK# Asynch GTL+ Input Y5 VSS Power/Other Y6 BPM3# Common Clock Input/Output Y21 D60# Source Synch Input/Output Y22 VSS Power/Other Y23 D58# Source Synch Input/Output Y24 D59# Source Synch Input/Output Y25 VSS Power/Other Y26 D56# Source Synch Input/Output AA1 VSS Power/Other AA2 TESTHI1 Power/Other Input AA3 BINIT# Common Clock Input/Output AA4 VSS Power/Other AA5 BPM4# Common Clock Input/Output AA6 GTLREF Power/Other Input Table 4-2. Numerical Pin Assignment Pin # Pin Name Signal Buffer Type Direction |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |