Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95256-CS3TG/A Datasheet(PDF) 40 Page - STMicroelectronics

Part # M95256-CS3TG/A
Description  256 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-CS3TG/A Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M95256-CS3TG/A Datasheet HTML 36Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 37Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 38Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 39Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 40Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 41Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 42Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 43Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Package mechanical data
M95256-DR, M95256, M95256-W, M95256-R
40/48
Doc ID 12276 Rev 11
Figure 24.
SO8 wide – 8 lead plastic small outline, 200 mils body width, package
outline
1.
Drawing is not to scale.
Table 22.
SO8 wide – 8 lead plastic small outline, 200 mils body width, package
mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ
Min
Max
Typ
Min
Max
A
2.5
0.0984
A1
0
0.25
0
0.0098
A2
1.51
2
0.0594
0.0787
b
0.4
0.35
0.51
0.0157
0.0138
0.0201
c
0.2
0.1
0.35
0.0079
0.0039
0.0138
CP
0.1
0.0039
D
6.05
0.2382
E
5.02
6.22
0.1976
0.2449
E1
7.62
8.89
0.3
0.35
e
1.27-
-0.05-
-
k
10°
10°
L
0.5
0.8
0.0197
0.0315
N8
8
6L_ME
E
N
CP
b
e
A2
D
c
L
A1
k
E1
A
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com