Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95256-CS3TG/A Datasheet(PDF) 47 Page - STMicroelectronics

Part # M95256-CS3TG/A
Description  256 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-CS3TG/A Datasheet(HTML) 47 Page - STMicroelectronics

Back Button M95256-CS3TG/A Datasheet HTML 40Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 41Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 42Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 43Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 44Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 45Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 46Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 47Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
M95256-DR, M95256, M95256-W, M95256-R
Revision history
Doc ID 12276 Rev 11
47/48
24-Jun-2010
10
M95256-DR part number added.
Updated Section 3.8: Operating supply voltage (VCC)
Updated Section 4.3: Data protection and protocol control
Updated Section 5.4: Write Status Register (WRSR)
Added note in Section 5.6: Write to Memory Array (WRITE)
Updated Table 7: Absolute maximum ratings
Added Table 20: AC characteristics (M95256-DR, M95256-R device grade
6)
Updated Table 20: AC characteristics (M95256-DR, M95256-R device
grade 6)
07-Sep-2010
11
Updated Section 1: Description.
Updated Section 5.7: Read Identification Page (available only in M95256-
DR devices).
Updated Section 5.8: Write Identification Page (available only in M95256-
DR devices).
Updated Section 5.9: Read Lock Status (available only in M95256-DR
devices).
Table 28.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com