Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95256-CS3TG/A Datasheet(PDF) 42 Page - STMicroelectronics

Part # M95256-CS3TG/A
Description  256 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-CS3TG/A Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M95256-CS3TG/A Datasheet HTML 38Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 39Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 40Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 41Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 42Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 43Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 44Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 45Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
Package mechanical data
M95256-DR, M95256, M95256-W, M95256-R
42/48
Doc ID 12276 Rev 11
Figure 26.
M95256-DR WLCSP, 0.5 mm pitch, package outline
1.
Drawing is not to scale.
Table 24.
M95256-DR WLCSP, 0.5 mm pitch, package mechanical data
Symbol
Millimeters
Inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.60
0.55
0.65
0.0236
0.0217
0.0256
A1
0.245
0.22
0.27
0.0096
0.0087
0.0106
A2
0.355
0.330
0.380
0.0140
0.0130
0.0150
B
Ø 0.311
Ø 0.0122
D
1.97
1.95
1.99
0.0776
0.0768
0.0783
E
1.785
1.765
1.805
0.0703
0.0695
0.0711
e
0.5
0.0197
e1
0.866
0.0341
e2
0.25
0.0098
e3
0.433
0.0170
F
0.552
0.502
0.602
0.0217
0.0198
0.0237
G
0.392
0.342
0.442
0.0154
0.0135
0.0174
N(2)
2.
N is the total number of terminals.
8
8
D
E
e2
G
32
1
B
e
A
B
C
D
E
F
e3
e1
Orientation reference
A1
A
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com