Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95256-CS3TG/A Datasheet(PDF) 44 Page - STMicroelectronics

Part # M95256-CS3TG/A
Description  256 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-CS3TG/A Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M95256-CS3TG/A Datasheet HTML 40Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 41Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 42Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 43Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 44Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 45Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 46Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 47Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Part numbering
M95256-DR, M95256, M95256-W, M95256-R
44/48
Doc ID 12276 Rev 11
The category of second-level interconnect is marked on the package and on the inner box
label, in compliance with JEDEC Standard JESD97. The maximum ratings related to
soldering conditions are also marked on the inner box label.
Table 26.
Available M95256x products (package, voltage range, temperature grade)
Package
M95256
(4.5 V to 5.5 V)
M95256-W
(2.5 V to 5.5 V)
M95256-R
(1.8 V to 5.5 V)
SO8N (MN)
Range 3
Range 6, Range 3
Range 6
SO8W (MW)
-
Range 6
-
TSSOP (DW)
-
Range 6, Range 3
Range 6
WLCSP
-
-
Range 6
Table 27.
Available M95256-DR products (package, voltage range, temperature
grade)
Package
M95256-DR
1.8 V to 5.5 V
SO8 (MN)
Range 6
TSSOP (DW)
Range 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com