Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9181EXT Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9181EXT
Description  Low-Jitter, Low-Noise LVPECL-to-LVDS Level Translator in an SC70 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9181EXT Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX9181EXT Datasheet HTML 1Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 2Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 3Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 4Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 5Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 6Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 7Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Low-Jitter, Low-Noise LVPECL-to-LVDS Level
Translator in an SC70 Package
_______________________________________________________________________________________
7
Figure 2. DC Load Test Circuit
VOD
1.25V
IN+
IN-
1.20V
1.25V
1.20V
RL/2
RL/2
OUT-
OUT+
VOS
Figure 3. Transition Time and Propagation Delay Test Circuit
CL
PULSE
GENERATOR
IN+
IN-
RL
50
Ω
50
Ω
OUT-
OUT+
CL
Test Circuits and Timing Diagrams
Figure 1. LVPECL Input Bias
RIN
RIN
OUT-
OUT+
VCC
IN+
IN-
Figure 4. Transition Time and Propagation Delay Timing Diagram
IN-
VCM = ((IN+) + (IN-))/2
VDIFF = (OUT+) - (OUT-)
IN+
OUT-
OUT+
tPLHD
tTLH
tTHL
tPHLD
OV (DIFFERENTIAL)
OV (DIFFERENTIAL)
OV (DIFFERENTIAL)
80%
80%
20%
20%
OV (DIFFERENTIAL)
OV (DIFFERENTIAL)
OV (DIFFERENTIAL)
VDIFF
VID



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com