Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9181EXT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9181EXT
Description  Low-Jitter, Low-Noise LVPECL-to-LVDS Level Translator in an SC70 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9181EXT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9181EXT Datasheet HTML 1Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 2Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 3Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 4Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 5Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 6Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 7Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low-Jitter, Low-Noise LVPECL-to-LVDS Level
Translator in an SC70 Package
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +4.0V
IN+, IN- to GND.....................................................-0.3V to +4.0V
OUT+, OUT- to GND .............................................-0.3V to +4.0V
Short-Circuit Duration (OUT+, OUT-) .........................Continuous
Continuous Power Dissipation (TA = +70°C)
6-Pin SC70 (derate 3.1mW/°C above +70°C) ..............245mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
ESD Protection
Human Body Model, IN+, IN-, OUT+, OUT- ....................±8kV
Lead Temperature (soldering, 10s) .................................+300°C
DC ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 3.6V, RL = 100Ω ±1%,
|VID| = 0.05V to VCC, VCM = |VID / 2| to VCC - |VID / 2|, TA = -40°C to +85°C, unless otherwise
noted. Typical values are at VCC = 3.3V, TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LVPECL INPUT
Differential Input High Threshold
VTH
750
mV
Differential Input Low Threshold
VTL
-50
-7
mV
Input Resistor
RIN
Figure 1
360
1328
k
Ω
IN+ = 3.6V, IN- = 0V
-10
+2.7
+10
Input Current
IIN+, IIN-
IN+ = 0V, IN- = 3.6V
-10
+2.7
+10
µA
IN+ = 3.6V, IN- = 0V
-10
+2.7
+10
Power-Off Input Current
IIN+, IIN-
VCC = 0V,
Figure 1
IN+ = 0V, IN- = 3.6V
-10
+2.7
+10
µA
LVDS OUTPUT
Differential Output Voltage
VOD
Figure 2
250
360
450
mV
Differential Output Voltage
∆VOD
Figure 2
0.008
25
mV
Offset (Common-Mode) Voltage
VOS
Figure 2
1.125
1.25
1.375
V
Change in VOS for
Complementary Output States
∆VOS
Figure 2
0.005
25
mV
Output High Voltage
VOH
1.44
1.6
V
Output Low Voltage
VOL
0.9
1.08
V
Differential Output Voltage
VOD+
IN+, IN- open
+250
+360
+450
mV
OUT+ = 3.6V, other output open
-10
+0.02
+10
Power-Off Output Leakage
Current
IOOFF
VCC = 0V
OUT- = 3.6V, other output open
-10
+0.02
+10
µA
Differential Output Resistance
RODIFF
VCC = 3.6V or 0V
100
260
400
Ω
VID = 50mV, OUT+ = GND
-5
-15
Output Short Current
ISC
VID = -50mV, OUT- = GND
-5
-15
mA
POWER SUPPLY
Supply Current
ICC
10
15
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com