Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9181EXT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9181EXT
Description  Low-Jitter, Low-Noise LVPECL-to-LVDS Level Translator in an SC70 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9181EXT Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX9181EXT Datasheet HTML 1Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 2Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 3Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 4Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 5Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 6Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 7Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Applications Information
Supply Bypassing
Bypass VCC with a high-frequency surface-mount
ceramic 0.01µF capacitor as close to the device as
possible.
Differential Traces
Input and output trace characteristics affect the perfor-
mance of the MAX9181. Use controlled-impedance dif-
ferential traces. Ensure that noise couples as common
mode by running the traces within a differential pair
close together.
Maintain the distance within a differential pair to avoid
discontinuities in differential impedance. Avoid 90°
turns and minimize the number of vias to further prevent
impedance discontinuities.
Cables and Connectors
The LVDS standards define signal levels for intercon-
nect with a differential characteristic impedance and
termination of 100Ω. Interconnects with a characteristic
impedance and termination of 90Ω to 132Ω impedance
are allowed, but produce different signal levels (see
Termination).
LVPECL signals are typically specified for 50Ω single-
ended characteristic impedance interconnect terminat-
ed through 50Ω to VCC - 2V.
Use cables and connectors that have matched differen-
tial impedance to minimize impedance discontinuities.
Termination
For point-to-point LVDS links, the termination resistor
should be located at the LVDS receiver input and
match the differential characteristic impedance of the
transmission line.
Each line of a differential LVPECL link should be termi-
nated through 50Ω to VCC - 2V or be replaced by the
Thevinin equivalent.
The LVDS output voltage level depends upon the differ-
ential characteristic impedance of the interconnect and
the value of the termination resistance. The MAX9181 is
guaranteed to produce LVDS output levels into 100Ω.
With the typical 3.6mA output current, the MAX9181 pro-
duces an output voltage of 360mV when driving a 100Ω
transmission line terminated with a 100Ω termination
resistor (3.6mA ✕ 100Ω = 360mV). For typical output lev-
els with different loads, see the Differential Output
Voltage vs. Load Resistor curve in the Typical Operating
Characterics.
Chip Information
TRANSISTOR COUNT: 401
PROCESS: CMOS
Low-Jitter, Low-Noise LVPECL-to-LVDS Level
Translator in an SC70 Package
6
_______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com