Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9181EXT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9181EXT
Description  Low-Jitter, Low-Noise LVPECL-to-LVDS Level Translator in an SC70 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9181EXT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9181EXT Datasheet HTML 1Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 2Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 3Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 4Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 5Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 6Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 7Page - Maxim Integrated Products MAX9181EXT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX9181 is an LVPECL-to-LVDS level translator
that accepts a single LVPECL input and translates it to
a single LVDS output. It is ideal for interfacing between
LVPECL and LVDS interfaces in systems that require
minimum jitter, noise, power, and space.
Ultra-low, 23psP-P added deterministic jitter and
0.6psRMS added random jitter ensure reliable commu-
nication in high-speed links that are highly sensitive to
timing errors, especially those incorporating clock-and-
data recovery, PLLs, serializers, or deserializers. The
MAX9181’s switching performance guarantees a
400Mbps data rate, but minimizes radiated noise by
guaranteeing 0.5ns minimum output transition time.
The MAX9181 operates from a single 3.3V supply and
consumes only 10mA supply current over a -40°C to
+85°C temperature range. It is available in a tiny 6-pin
SC70 package (half the size of a SOT23). Refer to the
MAX9180 data sheet for a low-jitter, low-noise LVDS
repeater in an SC70 package.
Applications
Digital Cross-Connects
Add/Drop Muxes
Network Switches/Routers
Cellular Phone Base Stations
DSLAMs
Multidrop Buses
Features
♦ Tiny SC70 Package
♦ Ultra-Low Jitter
23psP-P Added Deterministic Jitter
(2
23 - 1 PRBS)
0.6psRMS Added Random Jitter
♦ 0.5ns (min) Transition Time Minimizes Radiated
Noise
♦ 400Mbps Guaranteed Data Rate
♦ Low 10mA Supply Current
♦ Conforms to ANSI/EIA/TIA-644 LVDS Standard
♦ High-Impedance Inputs and Outputs in
Power-Down Mode
Low-Jitter, Low-Noise LVPECL-to-LVDS Level
Translator in an SC70 Package
________________________________________________________________ Maxim Integrated Products
1
GND
IN+
IN-
16
OUT+
5VCC
OUT-
MAX9181
SC70
TOP VIEW
2
34
Pin Configuration
19-2415; Rev 1; 2/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX9181EXT-T
-40°C to +85°C
6 SC70-6
ABI
LVPECL
DRIVER
3.3V
IN+
IN-
OUT+
OUT-
VCC
LVDS
SIGNALS
GND
MAX9181
Typical Operating Circuit


Similar Part No. - MAX9181EXT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX918 MAXIM-MAX918 Datasheet
150Kb / 12P
SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX918 MAXIM-MAX918 Datasheet
173Kb / 10P
PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX918 MAXIM-MAX918 Datasheet
597Kb / 15P
SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9180 MAXIM-MAX9180 Datasheet
246Kb / 9P
400Mbps, Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
Rev 1; 2/04
MAX9180EXT-T MAXIM-MAX9180EXT-T Datasheet
246Kb / 9P
400Mbps, Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
Rev 1; 2/04
More results

Similar Description - MAX9181EXT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6613 MAXIM-MAX6613 Datasheet
114Kb / 6P
Low-Voltage Analog Temperature Sensor in an SC70 Package
Rev 1; 11/03
MAX9155 MAXIM-MAX9155 Datasheet
147Kb / 9P
Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
19-2213; Rev 0; 10/01
MAX9156 MAXIM-MAX9156 Datasheet
149Kb / 8P
Low-Jitter, Low-Noise LVPECL-to-LVDS Level Translator in an SC70 Package
19-2216; Rev 0; 10/01
MAX9180 MAXIM-MAX9180 Datasheet
246Kb / 9P
400Mbps, Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
Rev 1; 2/04
logo
Semtech Corporation
SK1300 SEMTECH-SK1300 Datasheet
117Kb / 6P
PECL / LVPECL to LVDS Translator
logo
Maxim Integrated Produc...
MAX6613 MAXIM-MAX6613_10 Datasheet
119Kb / 6P
Low-Voltage Analog Temperature Sensor in an SC70 Package
Rev 3; 12/10
MAX9155EXT MAXIM-MAX9155EXT Datasheet
149Kb / 9P
Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
Rev 0; 10/01
logo
CTS Corporation
626 CTS-626 Datasheet
820Kb / 10P
Very Low Jitter LVPECL or LVDS Clock
logo
Micrel Semiconductor
DSC2032 MICREL-DSC2032 Datasheet
641Kb / 6P
Low-Jitter Configurable LVDS-LVPECL Oscillator
logo
Maxim Integrated Produc...
MAX6613 MAXIM-MAX6613_V01 Datasheet
641Kb / 6P
Low-Voltage Analog Temperature Sensor in an SC70 Package
2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com