Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP07N60C3 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPP07N60C3
Description  New revolutionary high voltage technology Ultra low gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP07N60C3 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPP07N60C3 Datasheet HTML 1Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 2Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 3Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
200
7-08-30
Rev.
3.1
Page 3
SPP07N60C3
SPI07N60C3, SPA07N60C3
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Characteristics
Transconductance
gfs
VDS≥2*ID*RDS(on)max,
ID=4.6A
-
6
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f
=1MHz
-
790
-
pF
Output capacitance
Coss
-
260
-
Reverse transfer capacitance
Crss
-
16
-
Effective output capacitance,4)
energy related
Co(er)
VGS=0V,
VDS=0V to 480V
-
30
-
Effective output capacitance,5)
time related
Co(tr)
-
55
-
Turn-on delay time
td(on)
VDD=380V, VGS=0/13V,
ID=7.3A, RG=12Ω,
Tj=125°C
-
6
-
ns
Rise time
tr
-
3.5
-
Turn-off delay time
td(off)
-
60
100
Fall time
tf
-
7
15
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=480V, ID=7.3A
-
3
-
nC
Gate to drain charge
Qgd
-
9.2
-
Gate charge total
Qg
VDD=480V, ID=7.3A,
VGS=0 to 10V
-
21
27
Gate plateau voltage
V(plateau) VDD=480V, ID=7.3A
-
5.5
-
V
1Limited only by maximum temperature
2Repetitve avalanche causes additional power losses that can be calculated asPAV=EAR*f.
3Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm² (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical without blown air.
4Co(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% VDSS.
5C
o(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
6I
SD<=ID, di/dt<=400A/us, VDClink=400V, Vpeak<VBR, DSS, Tj<Tj,max.
Identical low-side and high-side switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com