Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP07N60C3 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SPP07N60C3
Description  New revolutionary high voltage technology Ultra low gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP07N60C3 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SPP07N60C3 Datasheet HTML 2Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 3Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 9Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
200
7-08-30
Rev.
3.1
Page 6
SPP07N60C3
SPI07N60C3, SPA07N60C3
5 Transient thermal impedance
ZthJC = f (tp)
parameter: D = tp/T
10
-7
10
-6
10
-5
10
-4
10
-3
10
-1
s
tp
-3
10
-2
10
-1
10
0
10
1
10
K/W
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
single pulse
6 Transient thermal impedance FullPAK
ZthJC = f (tp)
parameter: D = tp/t
10
-7 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1
10
1
s
tp
-3
10
-2
10
-1
10
0
10
1
10
K/W
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
single pulse
7 Typ. output characteristic
ID = f (VDS); Tj=25°C
parameter: tp = 10 µs, VGS
0
5
10
15
VDS
25
V
0
4
8
12
16
A
24
4,5V
5V
5,5V
6V
6,5V
7V
20V
10V
8V
8 Typ. output characteristic
ID = f (VDS); Tj=150°C
parameter: tp = 10 µs, VGS
0
2
4
6
8 10 12 14 16 18 20 22
V 25
VDS
0
1
2
3
4
5
6
7
8
9
10
11
A
13
4V
4.5V
5V
5.5V
6V
20V
8V
6.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com