Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP07N60C3 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SPP07N60C3
Description  New revolutionary high voltage technology Ultra low gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP07N60C3 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button SPP07N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 9Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 10Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 11Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
200
7-08-30
Rev.
3.1
Page 8
SPP07N60C3
SPI07N60C3, SPA07N60C3
13 Forward characteristics of body diode
IF = f (VSD)
parameter: Tj , tp = 10 µs
0
0.4
0.8
1.2
1.6
2
2.4
V
3
VSD
-1
10
0
10
1
10
2
10
A
SPP07N60C3
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 150 °C typ
T
j = 150 °C (98%)
14 Typ. switching time
t = f (ID), inductive load, Tj=125°C
par.: VDS=380V, VGS=0/+13V, RG=12Ω
0
1
2
3
4
5
6
A
8
ID
0
10
20
30
40
50
60
70
ns
90
td(off)
tf
td(on)
tr
15 Typ. switching time
t = f (RG), inductive load, Tj=125°C
par.: VDS=380V, VGS=0/+13V, ID=7.3 A
0
20
40
60
80
100
Ω 130
RG
0
50
100
150
200
250
300
350
400
ns
500
td(off)
td(on)
tf
tr
16 Typ. drain current slope
di/dt
= f(RG), inductive load, Tj = 125°C
par.: VDS=380V, VGS=0/+13V, ID=7.3A
0
20
40
60
80
100
Ω 130
RG
0
500
1000
1500
2000
A/µs
3000
di/dt(on)
di/dt(off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com