Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4990 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4990
Description  Programmable Linear Output Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4990 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4990 Datasheet HTML 5Page - Infineon Technologies AG TLE4990 Datasheet HTML 6Page - Infineon Technologies AG TLE4990 Datasheet HTML 7Page - Infineon Technologies AG TLE4990 Datasheet HTML 8Page - Infineon Technologies AG TLE4990 Datasheet HTML 9Page - Infineon Technologies AG TLE4990 Datasheet HTML 10Page - Infineon Technologies AG TLE4990 Datasheet HTML 11Page - Infineon Technologies AG TLE4990 Datasheet HTML 12Page - Infineon Technologies AG TLE4990 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TLE4990
Programmable Linear Hall Sensor
Functional Description
Data Sheet
9
V 2.4, 2005-11
Transfer Functions
The examples in Figure 3 show how different magnetic field ranges can be mapped to
the output voltage.
•
Polarity mode:
– Unipolar: only magnetic fields in one direction are measured.
The zero field voltage is near to the GND level.
– Bipolar: Magnetic fields can be measured in both orientations.
The zero field voltage is about the half voltage.
Figure 3
Examples of Operation
Figure 4
Magnetic Field Direction Definition
Example 1: Bipolar,
Example 2: Unipolar
setting used in -E6782 version
TLE4990_MAGNETIC_RANGE
0
5
125
-125
5
50
-50
V
OUT (V)
V
OUT
0
B (mT)
V
OUT (V)
B (mT)
2.5
0
0
TLE
4990
B
B
Increase of Magnetic Field
Increase of Output Voltage
Increase of Magnetic Field
Decrease of Output Voltage
TLE
4990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com