Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4990 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE4990
Description  Programmable Linear Output Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4990 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE4990 Datasheet HTML 13Page - Infineon Technologies AG TLE4990 Datasheet HTML 14Page - Infineon Technologies AG TLE4990 Datasheet HTML 15Page - Infineon Technologies AG TLE4990 Datasheet HTML 16Page - Infineon Technologies AG TLE4990 Datasheet HTML 17Page - Infineon Technologies AG TLE4990 Datasheet HTML 18Page - Infineon Technologies AG TLE4990 Datasheet HTML 19Page - Infineon Technologies AG TLE4990 Datasheet HTML 20Page - Infineon Technologies AG TLE4990 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
TLE4990
Programmable Linear Hall Sensor
Signal Processing
Data Sheet
17
V 2.4, 2005-11
6.4
Clamping
Note: The Clamping function is not enabled in the -E6782 version
The clamping function is useful to split the output voltage range into operating range and
error ranges.
If the magnetic field is outside the selected measurement range, the output voltage
Vout
is limited to the clamping values.
Therefore an output voltage in the error range indicates a wire breakage (see Open
Circuit (OBD parameters), Table 12) or a short circuit.
The clamping function is enabled, when the clamp bit is set.
The following figure shows how the magnetic field range between
Bmin and Bmax is
mapped to voltages between 0.5 V and 4.5 V.
If it is not necessary to signal errors, the clamping should be disabled. In this case the
maximum output voltage range between 0.3 V and 4.7 V can be used.
Figure 5
Clamping
Table 11
Clamping Ranges
Parameter
Symbol Limit Values
Unit
Notes
min.
max.
Clamping voltage low
VCL,low 8
12
%
of
VDD 1)
Clamping voltage high
VCL,high 88
92
%
of
VDD 1)
1)
RLOAD ≥ 4.7 kΩ
0
1
B
min
B
B
max
V
out (V)
5
2
4
3
Error range
Error range
Operating range
V
CLL
V
CLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com