Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4990 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4990
Description  Programmable Linear Output Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4990 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4990 Datasheet HTML 6Page - Infineon Technologies AG TLE4990 Datasheet HTML 7Page - Infineon Technologies AG TLE4990 Datasheet HTML 8Page - Infineon Technologies AG TLE4990 Datasheet HTML 9Page - Infineon Technologies AG TLE4990 Datasheet HTML 10Page - Infineon Technologies AG TLE4990 Datasheet HTML 11Page - Infineon Technologies AG TLE4990 Datasheet HTML 12Page - Infineon Technologies AG TLE4990 Datasheet HTML 13Page - Infineon Technologies AG TLE4990 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TLE4990
Programmable Linear Hall Sensor
Absolute Maximum Ratings
Data Sheet
10
V 2.4, 2005-11
3
Absolute Maximum Ratings
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
During absolute maximum rating overload conditions (
VIN>VDD or VIN<VSS) the
voltage on
VDD pins with respect to ground (VSS) must not exceed the values
defined by the absolute maximum ratings.
Table 2
Absolute Maximum Rating Parameters 1)
1)
Only valid if the MEMlock bit is set and the TST pin is connected to GND.
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Storage temperature
TST
-40
150
°C
Junction temperature
TJ
-40
160
°C
Voltage on
VDD pins with
respect to ground (
VSS)
VDD
-18
24
V
for
TA ≤ 80 °C
max. 10 min.
Voltage on output pin with
respect to ground (
VSS)
VOUTov -0.3
16
for
TA ≤ 80 °C
max. 5 min.
Magnetic field
BMAX
-
unlimited T
ESD protection
VESD
-
2.0
kV
according HBM
JESD22-A114-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com