Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3522MPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IR3522MPBF
Description  XPHASE3TM DDR & VTT CONTROL IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3522MPBF Datasheet(HTML) 3 Page - International Rectifier

  IR3522MPBF Datasheet HTML 1Page - International Rectifier IR3522MPBF Datasheet HTML 2Page - International Rectifier IR3522MPBF Datasheet HTML 3Page - International Rectifier IR3522MPBF Datasheet HTML 4Page - International Rectifier IR3522MPBF Datasheet HTML 5Page - International Rectifier IR3522MPBF Datasheet HTML 6Page - International Rectifier IR3522MPBF Datasheet HTML 7Page - International Rectifier IR3522MPBF Datasheet HTML 8Page - International Rectifier IR3522MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
IR3522
Page 3
V3.01
PIN#
PIN SYMBOL
PIN DESCRIPTION
21
IIN1
Output 1 average current input from the output 1 phase IC(s). This pin is also used
to initialize Diode Emulation Mode in the phase IC(s).
22
CROWBAR
Drives NMOS crowbar devices at VTT and VDDR rails.
23
ROSC
Connect a resistor to LGND to program oscillator frequency and OCSET1, OCSET2,
and VREF bias currents. Oscillator frequency equals switching frequency per phase.
The pin voltage is 0.6V during normal operation.
24
LGND
Local Ground for internal circuitry and IC substrate connection.
25
CLKOUT
Clock output at switching frequency multiplied by phase number. Connect to CLKIN
pins of phase ICs.
26
PHSOUT
Phase clock output at switching frequency per phase. Connect to PHSIN pin of the
first phase IC.
27
PHSIN
Feedback input of phase clock. Connect to PHSOUT pin of the last phase IC.
28
VCCL
Output of the voltage regulator, and power input for clock oscillator circuitry. Connect
a decoupling capacitor to LGND.
29
VID0
Digital input to program one of four power-up VREF1 VDD reference values.
Connect to LGND for logic “0”, float for logic “1”
30
VID1
Digital input to program one of four power-up VREF1 VDD reference values.
Connect to LGND for logic “0”, float for logic “1”
31
PGOOD
Open collector output that drives low during startup and under any external fault
condition. The Power Good function also monitors output voltages and this pin will
drive low if any of the voltage planes are outside of the specified limits. Connect
external pull-up.
32
SCL
SCL (Serial Clock) is an open drain output of the I
2C controller and input to IR3522.
This pin requires an external bias voltage and should not be floated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com