Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3522MPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR3522MPBF
Description  XPHASE3TM DDR & VTT CONTROL IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3522MPBF Datasheet(HTML) 4 Page - International Rectifier

  IR3522MPBF Datasheet HTML 1Page - International Rectifier IR3522MPBF Datasheet HTML 2Page - International Rectifier IR3522MPBF Datasheet HTML 3Page - International Rectifier IR3522MPBF Datasheet HTML 4Page - International Rectifier IR3522MPBF Datasheet HTML 5Page - International Rectifier IR3522MPBF Datasheet HTML 6Page - International Rectifier IR3522MPBF Datasheet HTML 7Page - International Rectifier IR3522MPBF Datasheet HTML 8Page - International Rectifier IR3522MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
IR3522
Page 4
V3.01
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed below may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications are not implied. All voltages are absolute voltages referenced to the
LGND pin.
Operating Junction Temperature……………..0 to 150
oC
Storage Temperature Range………………….-65
oC to 150oC
ESD Rating………………………………………HBM Class 1C JEDEC Standard
MSL Rating………………………………………2
Reflow Temperature…………………………….260
oC
PIN #
PIN NAME
VMAX
VMIN
ISOURCE
ISINK
1
SDA
8V
-0.3V
1mA
10mA
2
PGBIAS
8V
-0.3V
1mA
1mA
3
ENABLE
3.5V
-0.3V
1mA
1mA
4
IIN2
8V
-0.3V
5mA
1mA
5
ADDR1
3.5V
-0.3V
1mA
1mA
6
ADDR2
3.5V
-0.3V
1mA
1mA
7
OCSET2
8V
-0.3V
1mA
1mA
8
EAOUT2
8V
-0.3V
25mA
10mA
9
FB2
8V
-0.3V
1mA
1mA
10
VOUT2
8V
-0.3V
5mA
25mA
11
VOSEN2+
8V
-0.5V
5mA
1mA
12
VOSEN2-
1.0V
-0.5V
5mA
1mA
13
VOSEN1-
1.0V
-0.5V
5mA
1mA
14
VOSEN1+
8V
-0.5V
5mA
1mA
15
VOUT1
8V
-0.3V
5mA
25mA
16
FB1
8V
-0.3V
1mA
1mA
17
EAOUT1
8V
-0.3V
25mA
10mA
18
OCSET1
8V
-0.3V
1mA
1mA
19
VREF1
3.5V
-0.3V
1mA
1mA
20
SS/DEL1
8V
-0.3V
1mA
1mA
21
IIN1
V(VCCL) + 1.1 V
-0.3V
5mA
1mA
22
CROWBAR
8V
-0.3V
35mA
1mA
23
ROSC
8V
-0.3V
1mA
1mA
24
LGND
n/a
n/a
20mA
1mA
25
CLKOUT
8V
-0.3V
100mA
100mA
26
PHSOUT
8V
-0.3V
10mA
10mA
27
PHSIN
8V
-0.3V
1mA
1mA
28
VCCL
8V
-0.3V
1mA
20mA
29
VID0
8V
-0.3V
1mA
1mA
30
VID1
8V
-0.3V
1mA
1mA
31
PGOOD
VCCL + 0.3V
-0.3V
1mA
20mA
32
SCL
8V
-0.3V
1mA
1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com