Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3522MPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IR3522MPBF
Description  XPHASE3TM DDR & VTT CONTROL IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3522MPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3522MPBF Datasheet HTML 3Page - International Rectifier IR3522MPBF Datasheet HTML 4Page - International Rectifier IR3522MPBF Datasheet HTML 5Page - International Rectifier IR3522MPBF Datasheet HTML 6Page - International Rectifier IR3522MPBF Datasheet HTML 7Page - International Rectifier IR3522MPBF Datasheet HTML 8Page - International Rectifier IR3522MPBF Datasheet HTML 9Page - International Rectifier IR3522MPBF Datasheet HTML 10Page - International Rectifier IR3522MPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
IR3522
Page 7
V3.01
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Over Voltage Protection (OVP) Comparators
VOUT1 Threshold Voltage
Compare to V(VREF1)
230
260
300
mV
VOUT2 Threshold Voltage
Compare to V(VREF1)
-20
0
20
mV
CROWBAR
VOUT1 Propagation Delay to
CROWBAR
Measure time from V(VOUT1) >
V(VREF1) (500 mV overdrive) to
V(CROWBAR) transition to > 2 V with
1nF.
40
100
ns
VOUT2 Propagation Delay to
CROWBAR
Measure time from V(VOUT2) >
V(VREF1) (250 mV overdrive) to
V(CROWBAR) transition to > 2 V with
1nF.
40
100
ns
CROWBAR Pull-up Resistance,
Active
To VCCL
5
15
CROWBAR Passive Pull Down
Resistance
12
25
65
k
CROWBAR Active Pull Down
Resistance to LGND
20
60
Track Fault Comparator
Threshold Voltage
Compare VOUT1 to VOUT2
0.99
1.06
1.13
V
Propagation Delay to CROWBAR
Measure time from V(VOUT1) >
V(VOUT1) (1.2V overdrive) to
V(CROWBAR) transition to > 0.9 *
V(VCCL).
90
180
ns
Open Sense Line Detection
Sense Line Detection Active
Comparator Threshold Voltage
150
200
250
mV
Sense Line Detection Active
Comparator Offset Voltage
V(VOUTx) < [V(VOSENx+) – V(LGND)] /
2
35
62.5
90
mV
VOSEN+ Open Sense Line
Comparator Threshold
Compare to V(VCCL)
86.5
89.0
91.5
%
VOSEN- Open Sense Line
Comparator Threshold
0.36
0.40
0.44
V
Sense Line Detection Source
Currents
V(VOUTx) = 100mV
200
500
700
uA
VIDx
VID0 & VID1 Input Thresholds
1.38
1.65
1.94
V
Internal Pull-up
Pull-up to 3.3 V typical
50
100
250
k
Float Voltage
3.1
3.3
3.5
V
ENABLE
Threshold Increasing
1.38
1.65
1.94
V
Threshold Decreasing
0.8
0.99
1.2
V
Threshold Hysteresis
470
620
770
mV
Bias Current
0V ≤ V(x) ≤ 3.5V
-5
0
5
uA
Blanking Time
Noise Pulse < 100ns will not register an
ENABLE state change. Note 1
75
250
400
ns
Over-Current Comparators
Input Offset Voltage
1V ≤ V(OCSETx) ≤ 3.3V
-35
0
35
mV
OCSET Bias Current
-5%
Vrosc(V)*1000/
Rosc(K )
+5
%
µA
2048-4096 Count Threshold
ROSC value, Note 1
11.3
16
23.1
k
1024-2048 Count Threshold
ROSC value, Note 1
14.4
20
29.1
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com