Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3522MPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IR3522MPBF
Description  XPHASE3TM DDR & VTT CONTROL IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3522MPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3522MPBF Datasheet HTML 2Page - International Rectifier IR3522MPBF Datasheet HTML 3Page - International Rectifier IR3522MPBF Datasheet HTML 4Page - International Rectifier IR3522MPBF Datasheet HTML 5Page - International Rectifier IR3522MPBF Datasheet HTML 6Page - International Rectifier IR3522MPBF Datasheet HTML 7Page - International Rectifier IR3522MPBF Datasheet HTML 8Page - International Rectifier IR3522MPBF Datasheet HTML 9Page - International Rectifier IR3522MPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
IR3522
Page 6
V3.01
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Soft Start and Soft Stop
Start Delay
Measure Enable to EAOUT1 activation
1
2.9
3.5
ms
Start-up Time
Measure Enable activation to PGOOD
3
8
13
ms
SS/DEL1 to FB1 Input Offset
Voltage
With FB1 = 0V, adjust V(SS/DEL1) until
EAOUT1 drives high
0.7
1.4
1.9
V
Charge Current
-20
-45
-90
µA
Soft Stop Discharge Currents
25
55
105
µA
Charge Voltage
3.7
4
4.2
V
Discharge Comp. Threshold
150
220
300
mV
Delay Comparator Threshold
Relative to Charge Voltage, SS/DELx
rising Note 1
80
mV
Delay Comparator Threshold
Relative to Charge Voltage, SS/DELx
falling Note 1
120
mV
Delay Comparator Hysteresis
Note 1
40
mV
IINx Bias Current
-1
0
1
uA
SRD Comp. Rise Threshold
330
390
440
mV
SRD Comp. Fall Threshold
310
360
425
mV
SRD Comp Hysteresis
15
30
50
mV
IIN1 High Voltage
Measure V(VCCL)-V(IIN1)
0
1.2
V
Error Amplifiers
VOUT1 System Set-Point
Accuracy
(Deviation from Table 2 and per test
circuit in Figures 2A)
-0.5
0.5
%
VOUT2 Tracking Accuracy
(Deviation from Table 2, and 3 per test
circuit in Figures 2B)
-1.0
1.0
%
Input Offset Voltage
Measure V(FB1) – V(VREF1).
Measure V(FB2) – V(VOUT1)/2. Note 2
-1
0
1
mV
FB1, FB2 Bias Currents
-1
0
1
µA
DC Gain
Note 1
100
110
135
dB
Bandwidth
Note 1
20
30
40
MHz
Slew Rate
Note 1
5.5
12
20
V/µs
Sink Current
0.4
0.85
1.2
mA
Source Current
5.0
8.5
12.0
mA
Maximum Voltage
Measure V(VCCL) – V(EAOUTx)
500
780
950
mV
Minimum Voltage
120
250
mV
Open Control Loop Detection
Threshold
Measure V(VCCL) - V(EAOUTx),
Relative to Error Amplifier maximum
voltage.
125
300
600
mV
Open Control Loop Detection
Delay
Measure PHSOUT pulse numbers from
V(EAOUTx)=V(VCCL) to PGOOD = low.
8
Pulses
FB2 Activation Voltage
With FB2 grounded, V(VOUT1)/2 when
EAOUT2 drives high
40
70
100
mV
VREF1 Reference
Source and Sink Currents
Includes I(OCSET1) and I(OCSET2)
-8%
2000*Vrosc(V)
/ ROSC(k )
+8%
µA
POWER GOOD (PGOOD) Output
Under Voltage Threshold - Voutx
Decreasing
VOUT1 referenced to VREF1
VOUT2 referenced to VOUT1/2
-365
-315
-265
mV
Under Voltage Threshold - Voutx
Increasing
VOUT1 referenced to VREF1
VOUT2 referenced to VOUT1/2
-325
-275
-225
mV
Under Voltage Threshold
Hysteresis
5
53
110
mV
Output Voltage
I(PGOOD) = 3mA
150
300
mV
Leakage Current
V( PGOOD ) = 5.5V
0
10
µA
PGBIAS Activation Threshold
I( PGOOD )=2mA, V(PGOOD) = 300mV
2
3.5
V
PGBIAS Clamp Voltage
I(PGBIAS) = 100uA
3
4.5
6.5
V
I(PGBIAS)max
100
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com