Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575 Datasheet(PDF) 6 Page - ON Semiconductor

Part # LM2575
Description  1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2575 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LM2575_09 Datasheet HTML 2Page - ON Semiconductor LM2575_09 Datasheet HTML 3Page - ON Semiconductor LM2575_09 Datasheet HTML 4Page - ON Semiconductor LM2575_09 Datasheet HTML 5Page - ON Semiconductor LM2575_09 Datasheet HTML 6Page - ON Semiconductor LM2575_09 Datasheet HTML 7Page - ON Semiconductor LM2575_09 Datasheet HTML 8Page - ON Semiconductor LM2575_09 Datasheet HTML 9Page - ON Semiconductor LM2575_09 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LM2575, NCV2575
http://onsemi.com
6
OUTPUT
VOLTAGE
(PIN 2)
OUTPUT
CURRENT
(PIN 2)
INDUCTOR
OUTPUT
RIPPLE
VOLTAGE
100
-50
-50
10 V
-50
0
100
ms/DIV
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
5.0
ms/DIV
TJ, JUNCTION TEMPERATURE (°C)
Figure 8. Standby Quiescent Current
Vin, INPUT VOLTAGE (V)
Figure 9. Standby Quiescent Current
Figure 10. Oscillator Frequency
Figure 11. Feedback Pin Current
Figure 12. Switching Waveforms
Figure 13. Load Transient Response
Vin = 12 V
VON/OFF = 5.0 V
TJ = 25°C
-100
1.0 A
1.0
40
0
2.0
0.5
20
1.0 A
0
120
0
0
100
0.5 A
-2.0
100
-40
80
-4.0
60
40
20 mV
-8.0
20
0
-10
0
0
0
40
80
120
60
20
-6.0
/DIV
-20
-25
-25
-25
5.0
0
0
0
10
25
25
25
15
50
50
50
20
75
75
75
25
100
100
100
30
125
125
125
40
35
Vin = 12 V
Normalized at 25
°C
Adjustable
Version Only
CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com