Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575 Datasheet(PDF) 17 Page - ON Semiconductor

Part # LM2575
Description  1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2575 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button LM2575_09 Datasheet HTML 13Page - ON Semiconductor LM2575_09 Datasheet HTML 14Page - ON Semiconductor LM2575_09 Datasheet HTML 15Page - ON Semiconductor LM2575_09 Datasheet HTML 16Page - ON Semiconductor LM2575_09 Datasheet HTML 17Page - ON Semiconductor LM2575_09 Datasheet HTML 18Page - ON Semiconductor LM2575_09 Datasheet HTML 19Page - ON Semiconductor LM2575_09 Datasheet HTML 20Page - ON Semiconductor LM2575_09 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LM2575, NCV2575
http://onsemi.com
17
cause significant RFI (Radio Frequency Interference) and
EMI (Electro−Magnetic Interference) problems.
Continuous and Discontinuous Mode of Operation
The LM2575 step−down converter can operate in both the
continuous and the discontinuous modes of operation. The
regulator works in the continuous mode when loads are
relatively heavy, the current flows through the inductor
continuously and never falls to zero. Under light load
conditions, the circuit will be forced to the discontinuous
mode when inductor current falls to zero for certain period
of time (see Figure 22 and Figure 23). Each mode has
distinctively different operating characteristics, which can
affect the regulator performance and requirements. In many
cases the preferred mode of operation is the continuous
mode. It offers greater output power, lower peak currents in
the switch, inductor and diode, and can have a lower output
ripple voltage. On the other hand it does require larger
inductor values to keep the inductor current flowing
continuously, especially at low output load currents and/or
high input voltages.
To simplify the inductor selection process, an inductor
selection guide for the LM2575 regulator was added to this
data sheet (Figures 17 through 21). This guide assumes that
the regulator is operating in the continuous mode, and
selects an inductor that will allow a peak−to−peak inductor
ripple current to be a certain percentage of the maximum
design load current. This percentage is allowed to change as
different design load currents are selected. For light loads
(less than approximately 200 mA) it may be desirable to
operate the regulator in the discontinuous mode, because the
inductor value and size can be kept relatively low.
Consequently, the percentage of inductor peak−to−peak
current increases. This discontinuous mode of operation is
perfectly acceptable for this type of switching converter.
Any buck regulator will be forced to enter discontinuous
mode if the load current is light enough.
Figure 22. Continuous Mode Switching
Current Waveforms
1.0
0
0
HORIZONTAL TIME BASE: 5.0
ms/DIV
1.0
Selecting the Right Inductor Style
Some important considerations when selecting a core type
are core material, cost, the output power of the power supply,
the physical volume the inductor must fit within, and the
amount of EMI (Electro−Magnetic Interference) shielding
that the core must provide. The inductor selection guide
covers different styles of inductors, such as pot core, E−core,
toroid and bobbin core, as well as different core materials
such as ferrites and powdered iron from different
manufacturers.
For high quality design regulators the toroid core seems to
be the best choice. Since the magnetic flux is completely
contained within the core, it generates less EMI, reducing
noise problems in sensitive circuits. The least expensive is
the bobbin core type, which consists of wire wound on a
ferrite rod core. This type of inductor generates more EMI
due to the fact that its core is open, and the magnetic flux is
not completely contained within the core.
When multiple switching regulators are located on the
same printed circuit board, open core magnetics can cause
interference between two or more of the regulator circuits,
especially at high currents due to mutual coupling. A toroid,
pot core or E−core (closed magnetic structure) should be
used in such applications.
Do Not Operate an Inductor Beyond its
Maximum Rated Current
Exceeding an inductor’s maximum current rating may
cause the inductor to overheat because of the copper wire
losses, or the core may saturate. Core saturation occurs when
the flux density is too high and consequently the cross
sectional area of the core can no longer support additional
lines of magnetic flux.
This causes the permeability of the core to drop, the
inductance value decreases rapidly and the inductor begins
to look mainly resistive. It has only the dc resistance of the
winding. This can cause the switch current to rise very
rapidly and force the LM2575 internal switch into
cycle−by−cycle current limit, thus reducing the dc output
load current. This can also result in overheating of the
inductor and/or the LM2575. Different inductor types have
different saturation characteristics, and this should be kept
in mind when selecting an inductor.
Figure 23. Discontinuous Mode Switching
Current Waveforms
0.1
0.1
0
0
HORIZONTAL TIME BASE: 5.0
ms/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com