Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575 Datasheet(PDF) 19 Page - ON Semiconductor

Part # LM2575
Description  1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2575 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button LM2575_09 Datasheet HTML 15Page - ON Semiconductor LM2575_09 Datasheet HTML 16Page - ON Semiconductor LM2575_09 Datasheet HTML 17Page - ON Semiconductor LM2575_09 Datasheet HTML 18Page - ON Semiconductor LM2575_09 Datasheet HTML 19Page - ON Semiconductor LM2575_09 Datasheet HTML 20Page - ON Semiconductor LM2575_09 Datasheet HTML 21Page - ON Semiconductor LM2575_09 Datasheet HTML 22Page - ON Semiconductor LM2575_09 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LM2575, NCV2575
http://onsemi.com
19
d +
ton
T +
VO
Vin
,
IQ
(quiescent current) and Vsat can be found in the
LM2575 data sheet,
Vin is minimum input voltage applied,
VO is the regulator output voltage,
ILoad is the load current.
The dynamic switching losses during turn−on and
turn−off can be neglected if proper type catch diode is used.
Packages Not on a Heatsink (Free−Standing)
For a free−standing application when no heatsink is used,
the junction temperature can be determined by the following
expression:
TJ = (RqJA) (PD) + TA
where (RqJA)(PD) represents the junction temperature rise
caused by the dissipated power and TA is the maximum
ambient temperature.
Packages on a Heatsink
If the actual operating junction temperature is greater than
the selected safe operating junction temperature determined
in step 3, than a heatsink is required. The junction
temperature will be calculated as follows:
TJ = PD (RqJA + RqCS + RqSA) + TA
where RqJC is the thermal resistance junction−case,
RqCS is the thermal resistance case−heatsink,
RqSA is the thermal resistance heatsink−ambient.
If the actual operating temperature is greater than the
selected safe operating junction temperature, then a larger
heatsink is required.
Some Aspects That can Influence Thermal Design
It should be noted that the package thermal resistance and
the junction temperature rise numbers are all approximate,
and there are many factors that will affect these numbers,
such as PC board size, shape, thickness, physical position,
location, board temperature, as well as whether the
surrounding air is moving or still.
Other factors are trace width, total printed circuit copper
area, copper thickness, single− or double−sided, multilayer
board, the amount of solder on the board or even color of the
traces.
The size, quantity and spacing of other components on
the board can also influence its effectiveness to dissipate
the heat.
Figure 25. Inverting Buck−Boost Regulator Using the
LM2575−12 Develops −12 V @ 0.35 A
D1
1N5819
L1
100
mH
Output
2
4
Feedback
Unregulated
DC Input
12 V to 25 V
Cin
100
mF
/50 V
1
5
3ON/OFF
GND
+Vin
Regulated
Output
-12 V @ 0.35 A
Cout
1800
mF
/16 V
LM2575−12
ADDITIONAL APPLICATIONS
Inverting Regulator
An inverting buck−boost regulator using the LM2575−12
is shown in Figure 25. This circuit converts a positive input
voltage to a negative output voltage with a common ground
by bootstrapping the regulators ground to the negative
output voltage. By grounding the feedback pin, the regulator
senses the inverted output voltage and regulates it.
In this example the LM2575−12 is used to generate a
−12 V output. The maximum input voltage in this case
cannot exceed +28 V because the maximum voltage
appearing across the regulator is the absolute sum of the
input and output voltages and this must be limited to a
maximum of 40 V.
This circuit configuration is able to deliver approximately
0.35 A to the output when the input voltage is 12 V or higher.
At lighter loads the minimum input voltage required drops
to approximately 4.7 V, because the buck−boost regulator
topology can produce an output voltage that, in its absolute
value, is either greater or less than the input voltage.
Since the switch currents in this buck−boost configuration
are higher than in the standard buck converter topology, the
available output current is lower.
This type of buck−boost inverting regulator can also
require a larger amount of startup input current, even for
light loads. This may overload an input power source with
a current limit less than 1.5 A.
Such an amount of input startup current is needed for at
least 2.0 ms or more. The actual time depends on the output
voltage and size of the output capacitor.
Because of the relatively high startup currents required by
this inverting regulator topology, the use of a delayed startup
or an undervoltage lockout circuit is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com