Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575 Datasheet(PDF) 16 Page - ON Semiconductor

Part # LM2575
Description  1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2575 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button LM2575_09 Datasheet HTML 12Page - ON Semiconductor LM2575_09 Datasheet HTML 13Page - ON Semiconductor LM2575_09 Datasheet HTML 14Page - ON Semiconductor LM2575_09 Datasheet HTML 15Page - ON Semiconductor LM2575_09 Datasheet HTML 16Page - ON Semiconductor LM2575_09 Datasheet HTML 17Page - ON Semiconductor LM2575_09 Datasheet HTML 18Page - ON Semiconductor LM2575_09 Datasheet HTML 19Page - ON Semiconductor LM2575_09 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LM2575, NCV2575
http://onsemi.com
16
EXTERNAL COMPONENTS
Input Capacitor (Cin)
The Input Capacitor Should Have a Low ESR
For stable operation of the switch mode converter a low
ESR (Equivalent Series Resistance) aluminium or solid
tantalum bypass capacitor is needed between the input pin
and the ground pin to prevent large voltage transients from
appearing at the input. It must be located near the regulator
and use short leads. With most electrolytic capacitors, the
capacitance value decreases and the ESR increases with
lower temperatures. For reliable operation in temperatures
below −25
°C larger values of the input capacitor may be
needed. Also paralleling a ceramic or solid tantalum
capacitor will increase the regulator stability at cold
temperatures.
RMS Current Rating of Cin
The important parameter of the input capacitor is the RMS
current rating. Capacitors that are physically large and have
large surface area will typically have higher RMS current
ratings. For a given capacitor value, a higher voltage
electrolytic capacitor will be physically larger than a lower
voltage capacitor, and thus be able to dissipate more heat to
the surrounding air, and therefore will have a higher RMS
current rating. The consequence of operating an electrolytic
capacitor above the RMS current rating is a shortened
operating life. In order to assure maximum capacitor
operating lifetime, the capacitor’s RMS ripple current rating
should be:
Irms > 1.2 x d x ILoad
where d is the duty cycle, for a buck regulator
d +
ton
T +
Vout
Vin
and d +
ton
T +
|Vout|
|Vout| ) Vin
for a buck*boost regulator.
Output Capacitor (Cout)
For low output ripple voltage and good stability, low ESR
output capacitors are recommended. An output capacitor
has two main functions: it filters the output and provides
regulator loop stability. The ESR of the output capacitor and
the peak−to−peak value of the inductor ripple current are the
main factors contributing to the output ripple voltage value.
Standard aluminium electrolytics could be adequate for
some applications but for quality design low ESR types are
recommended.
An aluminium electrolytic capacitor’s ESR value is
related to many factors such as the capacitance value, the
voltage rating, the physical size and the type of construction.
In most cases, the higher voltage electrolytic capacitors have
lower ESR value. Often capacitors with much higher
voltage ratings may be needed to provide low ESR values
that are required for low output ripple voltage.
The Output Capacitor Requires an ESR Value
That Has an Upper and Lower Limit
As mentioned above, a low ESR value is needed for low
output ripple voltage, typically 1% to 2% of the output
voltage. But if the selected capacitor’s ESR is extremely low
(below 0.05
W), there is a possibility of an unstable feedback
loop, resulting in oscillation at the output. This situation can
occur when a tantalum capacitor, that can have a very low
ESR, is used as the only output capacitor.
At Low Temperatures, Put in Parallel Aluminium
Electrolytic Capacitors with Tantalum Capacitors
Electrolytic capacitors are not recommended for
temperatures below −25
°C. The ESR rises dramatically at
cold temperatures and typically rises 3 times at −25
°C and
as much as 10 times at −40
°C. Solid tantalum capacitors
have much better ESR spec at cold temperatures and are
recommended for temperatures below −25
°C. They can be
also used in parallel with aluminium electrolytics. The value
of the tantalum capacitor should be about 10% or 20% of the
total capacitance. The output capacitor should have at least
50% higher RMS ripple current rating at 52 kHz than the
peak−to−peak inductor ripple current.
Catch Diode
Locate the Catch Diode Close to the LM2575
The LM2575 is a step−down buck converter; it requires a
fast diode to provide a return path for the inductor current
when the switch turns off. This diode must be located close
to the LM2575 using short leads and short printed circuit
traces to avoid EMI problems.
Use a Schottky or a Soft Switching
Ultra−Fast Recovery Diode
Since the rectifier diodes are very significant source of
losses within switching power supplies, choosing the
rectifier that best fits into the converter design is an
important process. Schottky diodes provide the best
performance because of their fast switching speed and low
forward voltage drop.
They provide the best efficiency especially in low output
voltage applications (5.0 V and lower). Another choice
could be Fast−Recovery, or Ultra−Fast Recovery diodes. It
has to be noted, that some types of these diodes with an
abrupt turnoff characteristic may cause instability or EMI
troubles.
A fast−recovery diode with soft recovery characteristics
can better fulfill a quality, low noise design requirements.
Table 4 provides a list of suitable diodes for the LM2575
regulator. Standard 50/60 Hz rectifier diodes such as the
1N4001 series or 1N5400 series are NOT suitable.
Inductor
The magnetic components are the cornerstone of all
switching power supply designs. The style of the core and
the winding technique used in the magnetic component’s
design has a great influence on the reliability of the overall
power supply.
Using an improper or poorly designed inductor can cause
high voltage spikes generated by the rate of transitions in
current within the switching power supply, and the
possibility of core saturation can arise during an abnormal
operational mode. Voltage spikes can cause the
semiconductors to enter avalanche breakdown and the part
can instantly fail if enough energy is applied. It can also



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com