| Electronic Components Datasheet Search |
|
PCA85232DA Datasheet(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA85232DA Datasheet(HTML) 24 Page - NXP Semiconductors |
|
24 / 54 page ![]() PCA85232 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 1 — 8 December 2010 24 of 54 NXP Semiconductors PCA85232 LCD driver for low multiplex rates 7.16.4 I2C-bus controller The PCA85232 acts as an I2C-bus slave receiver. It does not initiate I2C-bus transfers or transmit data to an I2C-bus master receiver. The only data output from the PCA85232 are the acknowledge signals from the selected devices. Device selection depends on the I2C-bus slave address, on the transferred command data, and on the hardware subaddress. In single device applications, the hardware subaddress inputs A0 and A1 are normally tied to VSS which defines the hardware subaddress 0. In multiple device applications A0 and A1 are tied to VSS or VDD in accordance with a binary coding scheme such that no two devices with a common I2C-bus slave address have the same hardware subaddress. 7.16.5 Input filters To enhance noise immunity in electrical adverse environments, RC low-pass filters are provided on the SDA and SCL lines. 7.16.6 I2C-bus protocol Two I2C-bus slave addresses (0111 000 and 0111 001) are reserved for the PCA85232.The entire I2C-bus slave address byte is shown in Table 7. The PCA85232 is a write-only device and will not respond to a read access, therefore bit 0 should always be logic 0. Bit 1 of the slave address byte, that a PCA85232 will respond to, is defined by the level tied to its SA0 input (VSS for logic 0 and VDD for logic 1). Having two reserved slave addresses allows the following on the same I2C-bus: • Up to 8 PCA85232 on the same I2C-bus for very large LCD applications • The use of two types of LCD multiplex on the same I2C-bus The I2C-bus protocol is shown in Figure 17. The sequence is initiated with a START condition (S) from the I2C-bus master which is followed by one of two possible PCA85232 slave addresses available. All PCA85232 with the corresponding SA0 level acknowledge in parallel to the slave address, but all PCA85232 with the alternative SA0 level ignore the whole I2C-bus transfer. Table 7. I2C slave address byte Slave address Bit 7 6 5 4 3 2 1 0 MSB LSB 01 11 00 SA0 R/W |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |