Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA85232DA Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCA85232DA
Description  LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85232DA Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCA85232DA Datasheet HTML 23Page - NXP Semiconductors PCA85232DA Datasheet HTML 24Page - NXP Semiconductors PCA85232DA Datasheet HTML 25Page - NXP Semiconductors PCA85232DA Datasheet HTML 26Page - NXP Semiconductors PCA85232DA Datasheet HTML 27Page - NXP Semiconductors PCA85232DA Datasheet HTML 28Page - NXP Semiconductors PCA85232DA Datasheet HTML 29Page - NXP Semiconductors PCA85232DA Datasheet HTML 30Page - NXP Semiconductors PCA85232DA Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
PCA85232
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 8 December 2010
27 of 54
NXP Semiconductors
PCA85232
LCD driver for low multiplex rates
[1]
Power-on and reset value.
[1]
Power-on and reset value.
[1]
The bank-select command has no effect in 1:3 and 1:4 multiplex drive modes.
[2]
Power-on and reset value.
[1]
Power-on and reset value.
[2]
Normal blinking is assumed when the LCD multiplex drive modes 1:3 or 1:4 are selected.
[3]
Alternate RAM bank blinking does not apply in 1:3 and 1:4 multiplex drive modes.
Table 12.
Load-data-pointer-LSB command bit description
Bit
Symbol
Value
Description
7 to 4
-
0100
fixed value
3 to 0
P[3:0]
0000[1] to
1111
P3 to P0 defines the last 4 (least significant) bits of the
data pointer that indicates one of the 160 display RAM
addresses
Table 13.
Device-select command bit description
Bit
Symbol
Value
Description
7 to 2
-
111000
fixed value
1 to 0
A[1:0]
00[1] to 11
two bits of immediate data, bits A0 to A1, are
transferred to the subaddress counter to define
one of four hardware subaddresses (see Table 20)
Table 14.
Bank-select command bit description
Bit
Symbol
Value
Description
Static
1:2 multiplex[1]
7 to 2
-
111110
fixed value
1I
input bank selection; storage of arriving display data
0[2]
RAM bit 0
RAM bits 0 and 1
1
RAM bit 2
RAM bits 2 and 3
0O
output bank selection; retrieval of LCD display data
0[2]
RAM bit 0
RAM bits 0 and 1
1
RAM bit 2
RAM bits 2 and 3
Table 15.
Blink-select command bit description
Bit
Symbol
Value
Description
7 to 3
-
11110
fixed value
2AB
blink mode selection
0[1]
normal blinking[2]
1
alternate RAM bank blinking[3]
1 to 0
BF[1:0]
blink frequency selection
00[1]
off
01
1
10
2
11
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com