Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA85232DA Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCA85232DA
Description  LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85232DA Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCA85232DA Datasheet HTML 26Page - NXP Semiconductors PCA85232DA Datasheet HTML 27Page - NXP Semiconductors PCA85232DA Datasheet HTML 28Page - NXP Semiconductors PCA85232DA Datasheet HTML 29Page - NXP Semiconductors PCA85232DA Datasheet HTML 30Page - NXP Semiconductors PCA85232DA Datasheet HTML 31Page - NXP Semiconductors PCA85232DA Datasheet HTML 32Page - NXP Semiconductors PCA85232DA Datasheet HTML 33Page - NXP Semiconductors PCA85232DA Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
PCA85232
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 8 December 2010
30 of 54
NXP Semiconductors
PCA85232
LCD driver for low multiplex rates
9.
Limiting values
[1]
Stresses above these values listed may cause permanent damage to the device.
[2]
Pass level; Human Body Model (HBM) according to Ref. 6 “JESD22-A114”.
[3]
Pass level; Machine Model (MM), according to Ref. 7 “JESD22-A115”.
[4]
Pass level; latch-up testing, according to Ref. 8 “JESD78” at maximum ambient temperature
(Tamb(max) =95 °C).
[5]
According to the NXP store and transport requirements (see Ref. 10 “NX3-00092”) the devices have to be
stored at a temperature of +8
°C to +45 °C and a humidity of 25 % to 75 %. For long term storage products
deviant conditions are described in that document.
CAUTION
Static voltages across the liquid crystal display can build up when the LCD supply voltage
(VLCD) is on while the IC supply voltage (VDD) is off, or vice versa. This may cause unwanted
display artifacts. To avoid such artifacts, VLCD and VDD must be applied or removed together.
Table 17.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+6.5
V
IDD
supply current
−50
+50
mA
VLCD
LCD supply voltage
−0.5
+9.0
V
IDD(LCD) LCD supply current
−50
+50
mA
Vi
input voltage
on pins CLK, SYNC,
SA0, OSC, SDA, SCL,
A0, A1, T1, T2, and T3
−0.5
+6.5
V
II
input current
−10
+10
mA
VO
output voltage
on pins S0 to S159 and
BP0 to BP3
−0.5
+9.0
V
on pins SDAACK,
CLK, SYNC
−0.5
+6.5
V
IO
output current
−10
+10
mA
ISS
ground supply current
−50
+50
mA
Ptot
total power dissipation
-
400
mW
P/out
power dissipation per output
-
100
mW
VESD
electrostatic discharge
voltage
HBM
[2] -
±4500
V
MM
[3] -
±250
V
Ilu
latch-up current
[4] -
200
mA
Tstg
storage temperature
[5]
−65
+150
°C
Toper
operating temperature
−40
+95
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com