Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33932 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33932
Description  5.0 A Throttle Control H-Bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33932 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33932 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33932
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33932 Pin Connections
Table 1. 33932 Pin Definitions
A functional description of each pin can be found in the Functional Description section beginning on page 11.
Pin
Pin Name
Pin
Function
Formal Name
Definition
1
D1
Logic Input
Disable Input 1
(Active High)
When D1 is logic HIGH, both OUT1 and OUT2 are tri-stated. Schmitt trigger
input with ~80
μA source so default condition = disabled.
2
FBA
Analog
Output
Feedback
H-Bridge A load current feedback output provides ground referenced 0.24% of
the high side output current. (Tie to GND through a resistor if not used.)
3
EN/D2
Logic Input
Enable Input
When EN/D2 is logic HIGH, H-Bridge A is operational. When EN/D2 is logic
LOW, the H-Bridge A outputs are tri-stated and H-bridge A is placed in Sleep
Mode. (logic input with ~80
μA sink so default condition = Sleep Mode.)
4-6,39,40
VPWRA
VPWRB
Power Input
Positive Power
Supply
These pins must be connected together physically as close as possible and
directly soldered down to a wide, thick, low resistance supply plane on the PCB.
7-9
OUT1
Power
Output
H-Bridge Output 1
H-bridge A source of high side MOSFET1 and drain of low side MOSFET1.
10,11,34,35
PGNDA
Power
Ground
Power Ground
High-current power ground pins must be connected together physically as
close as possible and directly soldered down to a wide, thick, low resistance
ground plane on the PCB.
12,13,32,33
PGNDB
Power
Ground
Power Ground
High-current power ground pins must be connected together physically as
close as possible and directly soldered down to a wide, thick, low resistance
ground plane on the PCB.
Tab
Tab
H-BRIDGE A
H-BRIDGE B
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
D1
FBA
EN/D2
VPWRA
VPWRA
VPWRA
OUT1
OUT1
OUT1
PGNDA
PGNDA
SFA
IN1
IN2
CCPA
VPWRA
VPWRA
OUT2
OUT2
OUT2
PGNDA
PGNDA
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
D3
FBB
EN/D4
VPWRB
VPWRB
VPWRB
OUT3
OUT3
OUT3
PGNDB
PGNDB
SFB
IN3
IN4
CCPB
VPWRB
VPWRB
OUT4
OUT4
OUT4
PGNDB
PGNDB
AGNDA
AGNDB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com