Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33932 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33932
Description  5.0 A Throttle Control H-Bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33932 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33932 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Document Number: MC33932
Rev. 3.0, 1/2009
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2009. All rights reserved.
5.0 A Throttle Control H-Bridge
The 33932 is a monolithic H-Bridge Power IC in a robust thermally
enhanced package. The 33932 has two independent monolithic H-
Bridge Power ICs in the same package. They are designed primarily for
automotive electronic throttle control, but are applicable to any low-
voltage DC servo motor control application within the current and
voltage limits stated in this specification.
Each H-bridge in the 33932 is able to control inductive loads with
currents up to 5.0 A peak. RMS current capability is subject to the
degree of heatsinking provided to the device package. Internal peak-
current limiting (regulation) is activated at load currents above 6.5 A
±1.5 A. Output loads can be pulse width modulated (PWM-ed) at
frequencies up to 11 kHz. A load current feedback feature provides a
proportional (0.24% of the load current) current output suitable for
monitoring by a microcontroller’s A/D input. A Status Flag output
reports under-voltage, over-current, and over-temperature fault
conditions.
Two independent inputs provide polarity control of two half-bridge
totem-pole outputs. Two independent disable inputs are provided to
force the H-bridge outputs to tri-state (high-impedance off-state).
Features
• 8.0 to 28 V continuous operation (transient operation from 5.0 to
40 V)
• 235 m
Ω maximum RDS(ON) @ 150°C (each H-Bridge MOSFET)
•3.0 V and 5.0 V TTL / CMOS logic compatible inputs
• Over-current limiting (regulation) via internal constant-off-time PWM
• Output short-circuit protection (short to VPWR or GND)
• Temperature-dependant current-limit threshold reduction
• All inputs have an internal source/sink to define the default (floating input) states
• Sleep Mode with current draw < 50 µA (each half with inputs floating or set to match default logic states)
Figure 1. MC33932 Simplified Application Diagram
THROTTLE CONTROL H-BRIDGE
33932
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33932VW/R2
-40°C to 125°C
44 HSOP
VW SUFFIX (PB-FREE)
98ARH98330A
44-PIN HSOP
WITH PROTRUDING HEAT SINK
SFA
FBA
IN1
IN2
D1
EN/D2
VPWRA
CCPA
OUT1
OUT2
PGNDA
AGNDA
MCU
33932
VPWR
VDD
MOTOR
OUT3
OUT4
MOTOR
SFB
IN4
IN3
FBB
D3
EN/D4
PGNDB
AGNDB
VPWRB
CCPB
VPWR
VDD


Similar Part No. - 33932

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3393 ETC-3393 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3393 HEYCO-3393 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
Sumida Corporation
3393-T007 SUMIDA-3393-T007 Datasheet
66Kb / 1P
General Power Transformer
logo
Freescale Semiconductor...
33931 FREESCALE-33931 Datasheet
1Mb / 21P
5.0 A Throttle Control H-bridge
33937 FREESCALE-33937 Datasheet
656Kb / 47P
Three Phase Field Effect Transistor Pre-driver
More results

Similar Description - 33932

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
5.0 A H BRIDGE
logo
Freescale Semiconductor...
33926 FREESCALE-33926 Datasheet
665Kb / 24P
5.0 A Throttle Control H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
5.0 A Throttle Control H-Bridge
33926 FREESCALE-33926_09 Datasheet
759Kb / 25P
5.0 A Throttle Control H-Bridge
33931 FREESCALE-33931 Datasheet
1Mb / 21P
5.0 A Throttle Control H-bridge
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
5.0 A Throttle Control H-bridge
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
5.0 A H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
5.0 A Throttle Control H-Bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com